Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876IPWLE Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC876IPWLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876IPWLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC876IPWLE Datasheet HTML 7Page - Texas Instruments TLC876IPWLE Datasheet HTML 8Page - Texas Instruments TLC876IPWLE Datasheet HTML 9Page - Texas Instruments TLC876IPWLE Datasheet HTML 10Page - Texas Instruments TLC876IPWLE Datasheet HTML 11Page - Texas Instruments TLC876IPWLE Datasheet HTML 12Page - Texas Instruments TLC876IPWLE Datasheet HTML 13Page - Texas Instruments TLC876IPWLE Datasheet HTML 14Page - Texas Instruments TLC876IPWLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10. Integral Nonlinearity
–3
Input Code
0
–1
255
511
767
1023
0
3
2
1
–2
SFDR
: –64 dB
4th
: –68 dB
SNRD
: 52 dB
5th
: –71 dB
SNR
: 55 dB
6th
: –71 dB
THD
: –62 dB
7th
: –70 dB
2nd
: –69 dB
8th
: –70 dB
3rd
: –72 dB
9th
: –80 dB
Figure 11. FFT Plot of Dynamic Performance
Frequency – MHz
6
5
1
7
4
2
9
8
3
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com