Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1702B Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1702B
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1702B Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1702B Datasheet HTML 1Page - Advanced Linear Devices ALD1702B Datasheet HTML 2Page - Advanced Linear Devices ALD1702B Datasheet HTML 3Page - Advanced Linear Devices ALD1702B Datasheet HTML 4Page - Advanced Linear Devices ALD1702B Datasheet HTML 5Page - Advanced Linear Devices ALD1702B Datasheet HTML 6Page - Advanced Linear Devices ALD1702B Datasheet HTML 7Page - Advanced Linear Devices ALD1702B Datasheet HTML 8Page - Advanced Linear Devices ALD1702B Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD1702A/ALD1702B
Advanced Linear Devices
2 of 9
ALD1702/ALD1703
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SAL, PAL packages
0°C to +70°C
DA package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±2.5V unless otherwise specified
1702A
1702B
1702
1703
Test
Parameter
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Supply
VS
±2.0
±5.0
±2.0
±5.0
±2.0
±5.0
±2.0
±5.0
Dual Supply
Voltage
V+
4.0
10.0
4.0
10.0
4.0
10.0
4.0
10.0
V
Single Supply
Input Offset
VOS
0.9
2.0
4.5
10.0
mV
RS ≤ 100KΩ
Voltage
1.7
2.8
5.3
11.0
mV
0°C ≤ TA ≤ +70°C
Input Offset
IOS
1.0
25
1.0
25
1.0
25
1.0
30
pA
TA = 25°C
Current
240
240
240
450
pA
0°C ≤ TA ≤ +70°C
Input Bias
IB
1.0
30
1.0
30
1.0
30
1.0
50
pA
TA = 25°C
Current
300
300
300
600
pA
0°C ≤ TA ≤ +70°C
Input Voltage
VIR
-0.3
5.3
-0.3
5.3
-0.3
5.3
0.15
4.85
V
V+ = +5V
Range
-2.8
2.8
-2.8
2.8
-2.8
2.8
-2.35
2.35
V
VS = ±2.5V
Input
RIN
1012
1012
1012
1012
Ω
Resistance
Input Offset
TCVOS
777
10
µV/°CRS ≤ 100KΩ
Voltage Drift
Power Supply
PSRR
70
80
65
80
65
80
60
80
dB
RS ≤ 100KΩ
Rejection Ratio
70
80
65
80
65
80
60
80
dB
0°C ≤ TA ≤ +70°C
Common Mode CMRR
70
83
65
83
65
83
60
83
dB
RS ≤100KΩ
Rejection Ratio
70
83
65
83
65
83
60
83
dB
0°C ≤ TA ≤ +70°C
Large Signal
AV
50
85
50
85
50
85
32
85
V/mV
RL =10KΩ
Voltage Gain
400
400
400
300
V/mV
RL ≥1MΩ
20
20
20
10
V/mV
RL =10KΩ
0°C ≤ TA ≤ +70°C
Output
VO low
0.002
0.01
0.002
0.01
0.002
0.01
0.002
0.01
V
RL =1MΩ V+ = 5V
Voltage
VO high 4.99 4.998
4.99
4.998
4.99
4.998
4.99
4.998
V
0°C ≤ TA ≤ +70°C
Range
VO low
-2.44
-2.35
-2.44 -2.35
-2.44 -2.35
-2.4
-2.3
V
RL =10KΩ
VO high 2.35
2.44
2.35
2.44
2.35
2.44
2.3
2.4
0°C ≤ TA ≤ +70°C
Output Short
ISC
8888
mA
Circuit Current
Supply Current IS
1.1
2.0
1.1
2.0
1.1
2.0
1.1
2.5
mA
VIN = 0V
No Load
Power
PD
5.5
10.0
5.5
10.0
5.5
10.0
5.5
12.5
mW
VS = ±2.5V
Dissipation
Input
CIN
111
1
pF
Capacitance
Bandwidth
BW
1.0
1.5
1.0
1.5
1.0
1.5
0.7
1.5
MHz
Slew Rate
SR
1.4
2.1
1.4
2.1
1.4
2.1
1.1
2.1
V/µsAV = +1
RL = 10KΩ
Rise time
tr
0.2
0.2
0.2
0.2
µsRL = 10KΩ
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com