Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12SDP2 Datasheet(PDF) 8 Page - Texas Instruments

Part # SS12SDP2
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS12SDP2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SS12SDP2 Datasheet HTML 4Page - Texas Instruments SS12SDP2 Datasheet HTML 5Page - Texas Instruments SS12SDP2 Datasheet HTML 6Page - Texas Instruments SS12SDP2 Datasheet HTML 7Page - Texas Instruments SS12SDP2 Datasheet HTML 8Page - Texas Instruments SS12SDP2 Datasheet HTML 9Page - Texas Instruments SS12SDP2 Datasheet HTML 10Page - Texas Instruments SS12SDP2 Datasheet HTML 11Page - Texas Instruments SS12SDP2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
m=
w
fs
c
-
c
fs
zs
Weigh Scale Mode
www.ti.com
2.1
Display
Weigh scale mode can display mass in these units:
μg (displayed as ug), g, kg, pounds (lb), stone (st),
and ounces (oz).(2)
Internally, mass is measured in grams, and calibration factors are stored in grams. At display time, grams
are converted to the desired display unit using the conversion factors given in Table 1.
xxx
(2)
The avoirdupois units used by the ADS1x31REF are equal in the imperial and U. S. customary systems.
Table 1. Unit Conversion Factors and Display Formats
Unit
Multiplier
Format
micrograms (
μg)
10
6
nnn.nnnug
milligrams (mg)
1000
nnn.nnnmg
grams (g)
1
nnn.nnng
kilograms (kg)
10
–3
nnn.nnnkg
ounces (oz)
0.035274
nnn.nnnoz
pounds (lb)
0.0022046
nnn.nnnlb
stone (st)
157.473
× 10
−6
nnstnn.nn
The display format for stone differs from the format used for the other units. One stone is equal to fourteen
pounds; weight in stone is commonly expressed as a number of stone followed by a number of pounds.
On the ADS1x31REF, two digits are shown for stone, followed by st, followed by pounds displayed to two
decimal places.
2.1.1
Calculation of Mass
Mass is calculated from ADC code using the formula:
w = m
● c + w
zs – wt
where:
•
w = mass
•
c = the ADC code
•
w
t = tare weight
•
m, w
zs, wt = values determined in the calibration process
m is a calibration constant, and is calculated using Equation 1:
(1)
where w
fs is the user-specified calibration mass, cfs is the ADC code taken with the calibration mass
applied, and c
zs is the ADC measurement taken with no load.
w
zs , the zero-scale mass, is calculated from m and czs using Equation 2:
w
zs = –m ● czs
(2)
2.2
Button Functions
2.2.1
TARE
The tare function allows the mass of a substance to be measured separately from the mass of its
container. When the TARE button is pressed, the scale measures the mass and records it. This reading is
subtracted from each subsequent measurement.
The recorded tare value can be reset to zero by holding the TARE button down for at least one second.
When the tare value is to be reset, the display reads TARE OFF.
Tare is also reset following a calibration.
8
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com