Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMS22R50-R25-WS6 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # EMS22R50-R25-WS6
Description  Non-Contacting PWM Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22R50-R25-WS6 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  EMS22R50-R25-WS6 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22R50-R25-WS6 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22R50-R25-WS6 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22R50-R25-WS6 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EMS22P - Non-Contacting PWM Encoder
Output Type Waveform and Variant Table
Applications
■ Material handling equipment
■ Brushless DC motor commutation
■ Robotics
■ Automotive
■ Industrial automation
■ Petroleum refinery
■ Medical
■ Office equipment
■ Audio and broadcast equipment
PWM
R1
C1
C2
R2
analog out
Simple Passive 2nd Order Low Pass Filter
R1, R2
≥ 4.7K Ohms
R1 should be
≥ 4.7K ohms to avoid loading of the PWM output.
Larger values of Rx and Cx will provide better filtering and less
ripple, but will also slow down the response time.
C1, C2
≥ 1 μF / 6 V
Recommended Filter
VSS
PWM Output
Parameter
Symbol
Type
Unit
Note
PWM frequency
fPWM
0.9756
KHz
Signal period: 1025
μs
MIN pulse with
PWMIN
1
μs
Position 0 Angle 0 °
MAX pulse with
PWMAX
1024
μs
Position 1023 Angle 359.65 °
Analog output using an external low pass filter
Vcc
0 V
0 °
360 °
0 deg
(Pos 0)
359.65 deg
(Pos 1023)
1
512
0
1025
1025
PW MAX
t on
t off
PW MIN
1/f PWM
Position = t on * 1025/(t on + t off) - 1
Angle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com