Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1702ASAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1702ASAL
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1702ASAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1702ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD1702ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1702A/ALD1702B
Advanced Linear Devices
3 of 9
ALD1702/ALD1703
VS = ±2.50V -55°C ≤ TA ≤ +125°C unless otherwise specified
TA = 25°C VS = ±2.5V unless otherwise specified
1702A
1702B
1702
1703
Test
Parameter
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
TA = 25°C VS = ±5.0V unless otherwise specified
1702A
1702B
1702
1703
Test
Parameter
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
Overshoot
RL =10KΩ
Factor
10
10
10
10
%
CL = 100pF
Maximum Load
CL
400
400
400
400
pF
Gain = 1
Capacitance
4000
4000
4000
4000
pF
Gain = 5
Input Noise
en
26
26
26
26
nV/√Hz
f =1KHz
Voltage
Input Current
in
0.6
0.6
0.6
0.6
fA/√Hz
f =10Hz
Noise
Settling Time
ts
8.0
8.0
8.0
8.0
µs
0.01%
3.0
3.0
3.0
3.0
µs
0.1% AV = -1
RL=5KΩ
CL=50pF
Power Supply
PSRR
83
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode CMRR
83
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
250
250
V/mV
RL =10KΩ
Voltage Gain
Output Voltage
VO low
-4.9
-4.8
-4.9
-4.8
-4.9
-4.8
-4.9
-4.8
V
RL =10KΩ
Range
VO high
4.8
4.93
4.8
4.93
4.8
4.93
4.8
4.93
Bandwidth
BW
1.7
1.7
1.7
1.7
MHz
Slew Rate
SR
2.8
2.8
2.8
2.8
V/µsAV = +1
CL = 50pF
Input Offset
VOS
3.0
4.0
6.5
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
10
25
10
25
7
25
V/ mV
RL = 10KΩ
Voltage Gain
Output Voltage
VO low
0.1
0.2
0.1
0.2
0.1
0.2
V
RL = 10KΩ
Range
VO high
4.8
4.9
4.8
4.9
4.8
4.9
1702ADA
1702BDA
1702DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com