Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1704ASAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1704ASAL
Description  RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1704ASAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1704ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD1704ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1704A/ALD1704B
Advanced Linear Devices
3 of 9
ALD1704/ALD1704G
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
Maximum Load
CL
400
400
400
400
pF
Gain = 1
Capacitance
4000
4000
4000
4000
pF
Gain = 5
Input Noise
Voltage
en
26
26
26
26
nV/√Hz
f = 1KHZ
Input Current
Noise
in
0.6
0.6
0.6
0.6
fA/√HZ
f = 10HZ
Settling
ts
5.0
5.0
5.0
5.0
µs
0.01%
Time
2.0
2.0
2.0
2.0
µs
0.1% AV = -1
RL = 5KΩ
CL = 50pF
TA = 25°C VS = ±5.0V unless otherwise specified
1704A
1704B
1704
1704G
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input Offset Voltage
VOS
2.0
4.0
7.0
mV
RS ≤ 100KΩ
Input Offset Current
IOS
8.0
8.0
8.0
nA
Input Bias Current
IB
10.0
10.0
10.0
nA
Power Supply
PSRR
60
75
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
30
125
30
125
30
125
V/mV
RL = 10KΩ
Voltage Gain
Output Voltage
VO low
-4.9
-4.8
-4.9
-4.8
-4.9
-4.8
V
RL = 10KΩ
Range
VO high
4.8
4.9
4.8
4.9
4.8
4.9
V
RL = 10KΩ
VS = ±5.0V -55°C ≤ TA ≤ +125°C unless otherwise specified
1704ADA
1704BDA
1704DA
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com