Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1706ASAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1706ASAL
Description  ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1706ASAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1706ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD1706ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1706A/ALD1706B
Advanced Linear Devices
3 of 9
ALD1706/ALD1706G
1706BDA
1706DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
Input Offset
VOS
3.0
6.5
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
dB
RS ≤ 1MΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
dB
RS ≤ 1MΩ
Rejection Ratio
Large Signal
AV
15
50
15
50
V/ mV
RL = 1MΩ
Voltage Gain
Output Voltage
VO low
-2.40
-2.30
-2.40
-2.30
V
Range
VO high
2.30
2.40
2.30
2.40
V
RL = 1MΩ
Input
Capacitance
CIN
11
11
pF
Bandwidth
BW
400
400
400
400
KHz
Slew Rate
SR
0.17
0.17
0.17
0.17
V/µsAV = +1
RL = 1MΩ
Rise time
t r
1.0
1.0
1.0
1.0
µsRL = 1MΩ
Overshoot
20
20
20
20
%
RL =1MΩ
Factor
CL = 25pF
Settling Time
t s
10.0
10.0
10.0
10.0
µs
0.1%
AV = -RL=1MΩ
CL = 25pF
TA = 25°C VS = ±2.5V unless otherwise specified
1706A
1706B
1706
1706G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
PSRR
70
70
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
Common Mode
CMRR
70
70
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
Large Signal
AV
50
50
50
50
V/ mV
RL =1MΩ
Voltage Gain
Output Voltage
VO low
-0.95
-0.9
-0.95
-0.9
-0.95
-0.9
-0.95
-0.9
V
RL =1MΩ
Range
VO high 0.9
0.95
0.9
0.95
0.9
0.95
0.9
0.95
V
Bandwidth
BW
0.3
0.3
0.3
0.3
MHz
Slew Rate
SR
0.17
0.17
0.17
0.17
V/µsAV = +1
CL = 25pF
TA = 25°C VS = ±1.0V unless otherwise specified
1706A
1706B
1706
1706G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com