Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2302ASAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2302ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2302ASAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2302ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2302ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A/ALD2302
APPLICATIONS
• PCMCIA instruments
• MOSFET driver
• High source impedance voltage comparison circuits
• Multiple limit window comparator
• Power supply voltage monitor
• Photodetector sensor circuit
• High speed LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
• Multiple relay drivers
BENEFITS
• On-chip input and output buffers
• Precision voltage comparison capability
• Eliminate need for second power supply
• Eliminate pull-up resistor
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD2302A/ALD2302 are monolithic precision high performance
dual voltage comparators built with advanced silicon gate CMOS
technology. The primary features are: very high typical input impedance
of 1012Ω; low input bias current of 10pA; fast response time of 180ns;
very low power dissipation of 175µA per comparator; and single (+5V)
or dual (±5V) power supply operation.
The input voltage range includes ground, which makes these compara-
tors ideal for single supply low level signal detection with high source
impedance.
The outputs can source and sink current allowing for
application flexibility. They can be used in either wired-OR connection
without pull-up resistor or push-pull configuration. The ALD2302A/
ALD2302 can also be used in wired-OR connection with other open
drain circuits such as the ALD2301/ALD2303 voltage comparators.
The ALD2302A/ALD2302 voltage comparators are ideal for a great
variety of applications, especially in low level signal detection circuits
which require low standby power and high output current. For quad
packages, use the ALD4302A/ALD4302 quad voltage comparator.
FEATURES
• Guaranteed to drive 200Ω loads
• Fanout of 30LS TTL loads
• Low supply current of 175µA each
comparator
• Pinout of LM193 type industry standard
comparators
• Extremely low input bias currents
-- typically 10pA
• Virtually eliminates source impedance effects
• Low operating supply voltage of 4V to 10V
• Single (+5V) and dual supply (±5V) operation
• High speed for both large and small signals
-- 180ns for TTL inputs and 400ns for 20mV
overdrive
• CMOS, NMOS and TTL compatible
• Push-pull outputs-current sourcing/ sinking
• High output sinking current -- typically 60mA
• Low supply current spikes
• High gain -- 100V/mV
Operating Temperature Range *
0°C to +70°C
0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2302ASAL
ALD2302APAL
ALD2302ADA
ALD2302SAL
ALD2302PAL
ALD2302DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix for lead free version)
BLOCK DIAGRAM
(1) OUT 1
(7) OUT 2
(4) GND
V+
NONINVERTING INPUT
+IN 1 (3)
INVERTING INPUT
-IN 2 (6)
NONINVERTING INPUT
+IN 2 (5)
INVERTING INPUT
-IN 1 (2)
(8) V+
PIN CONFIGURATION
1
2
3
4
8
7
6
5
OUT 1
-IN 1
+IN 1
GND
V+
OUT 2
-IN 2
+IN 2
SAL, PAL, DA PACKAGES


Similar Part No. - ALD2302ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2302ASAL ALD-ALD2302ASAL Datasheet
59Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302ASAL ALD-ALD2302ASAL Datasheet
77Kb / 9P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
More results

Similar Description - ALD2302ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Advanced Linear Devices
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
logo
Advanced Linear Devices
ALD2332A ALD-ALD2332A Datasheet
90Kb / 11P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_V01 Datasheet
77Kb / 9P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com