Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2302APAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2302APAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2302APAL Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD2302APAL Datasheet HTML 1Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 2Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 3Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 4Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 5Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 6Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 7Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 8Page - Advanced Linear Devices ALD2302APAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD2302/ALD2302A
Advanced Linear Devices
6 of 9
TYPICAL APPLICATIONS (cont'd)
Design & Operating Notes:
1. As each output sources up to 10mA in the output high state, the output stage of a wired - OR low output circuit must be able to sink this current and still
provide desired output voltage levels. For TTL output levels, this consideration limits the number to a maximum of three ALD2302 outputs wired-OR
together.
2. In order to minimize stray oscillation, all unused inputs must be tied to ground.
3. The input bias and offset currents are essentially input protection diode reverse bias leakage currents, and are typically less than 1pA at room
temperature. The currents are a function of ambient temperature, and would have to be considered in applications where very high source impedance
or high accuracy are involved.
4. The high output sinking current of 60mA for each output offers flexibility in many applications, as a separate buffer or driver would not be necessary to
drive the intended load. However, as the circuit normally operates close to ambient temperature due to its very low power consumption, thermal effects
caused by large output current transients must be considered in certain applications.
This circuit eliminates crossover current in the
complementary power transistors. The outputs can
be used to source and sink different loads or tied
together to provide push-pull drive of the same load.
PUSH-PULL COMPLEMENTARY POWER MOSFET DRIVER
+
+
+12V
+12V
+12V
P- Channel VP 02
Power MOSFET
2A Source
2A Sink
N - Channel VN 01
Power MOSFET
+12V
10K
40K
10K
V1
V2
VIN
ALD2302
TIME DELAY GENERATOR
+
RF4
V3
1/2 ALD 2302
1/2 ALD 2302
RF3
RF2
V+
RF1
+
1/2 ALD 2302
V2
+
1/2 ALD 2302
V1
RT
CT
+
VIN
V+
VREF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com