Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2704ASAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2704ASAL
Description  DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2704ASAL Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD2704ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2704ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD2704A/ALD2704B
Advanced Linear Devices
6 of 9
ALD2704
TYPICAL APPLICATIONS
RAIL-TO-RAIL VOLTAGE FOLLOWER/BUFFER
RAIL-TO-RAIL VOLTAGE COMPARATOR
-
+
VIN
+10V
CL
RL
0.1µF
ZIN = 1012Ω
~
400pF
≥ 1.5KΩ
VOUT
0 ≤ VIN ≤ 10V
-
+
50K
0.1µF
10M
VIN
+12V
+12V
VOUT
PHOTO DETECTOR CURRENT
TO VOLTAGE CONVERTER
LOW OFFSET SUMMING AMPLIFIER
INPUT 1
INPUT 2
-
+
+5V
0.1µF
0.1µF
-5V
GAIN = 5
CL = 4000pF
* Circuit Drives Large Load
Capacitance ≤ 4000pF
10K
10K
50K
VOUT
WIEN BRIDGE OSCILLATOR (RAIL-TO -RAIL)
SINE WAVE GENERATOR
10K
-
+
10K
10K
+5V
-5V
.01µF
1
2πRC
f =
1.6K Hz
C = .01µF
R = 10K
~
=
VOUT
~
LOW PASS FILTER (RFI FILTER)
+
RF
100K
5K
5K
0.02µF
R1
R1
C1
+9V
VIN
VOUT
-
Cutoff frequency =
π R1C1
= 3.2kHz
Gain = 10 Frequency roll-off 20dB/decade
1
PRECISION CHARGE INTEGRATOR
+
1000pF
1MΩ
+5V
-5V
VIN
VOUT
-
BANDPASS NETWORK
R1 = 10K C1 = 100nF
R2 = 10K C2 = 500pF
+
+5V
-5V
C1
R1
C2
R2
VIN
VOUT
-
Low Frequency
Breakpoint ƒL =
2π R1C1
= 160Hz
High Frequency
Cutoff ƒH =
2π R2 C 2
= 32KHz
1
1
+
-
+5V
-5V
RF = 5M
I
PHOTODIODE
VOUT = I X RF
RL ≥ 1.5K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com