Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2706ASAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2706ASAL
Description  DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2706ASAL Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD2706ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2706ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD2706A/ALD2706B
Advanced Linear Devices
6 of 9
ALD2706
TYPICAL APPLICATIONS
RAIL-TO-RAIL VOLTAGE FOLLOWER/BUFFER
LOW VOLTAGE INSTRUMENTATION AMPLIFIER
RAIL-TO-RAIL WINDOW COMPARATOR
RAIL-TO-RAIL WAVEFORM
0V
+5V
OUTPUT
0V
+5V
INPUT
-
+
OUTPUT
5V
0.1µF
* See Rail to Rail Waveform
0≤ VIN ≤ 5V
VIN
ZIN = 1012Ω
~
1/2 ALD2706
R1
50K
100K
R3
100K
f max = 20KHz
-40mV ≤ VIN ≤ 40mV
0.1µF
0.1µF
V+
V-
-
+
-
+
R2
100K
100K
-
R4
500K
0.1µF
V+
V+ 1M
+
1M
V-
V-
0.1µF
VOUT
1/2 ALD2706
1/2 ALD2706
1/2 ALD2706
V+ = +1.0V
V- = -1.0V
V- ≤ VOUT ≤ V+
All resistors are 1%.
R1
R3
VOUT = VIN ( 1+ 2R2 ) (R4)
= 25 VIN
+5V
+
-
+
-
VIN
100K
VREF (HIGH)
VREF (LOW)
3
2
5
6
8
4
1
7
1/4 74 C00
1/2 ALD2706
VOUT
VOUT (LOW) FOR VREF (LOW) < VIN < VREF(HIGH)
100K
1/2 ALD2706
HIGH INPUT IMPEDANCE RAIL-TO-RAIL PRECISION
DC SUMMING AMPLIFIER
V- = - 2.5V
10M
10M
10M
10M
10M
10M
RIN = 10MΩ Accuracy limited by resistor tolerances and input offset voltage
V+ = +2.5V
0.1µF
0.1µF
VOUT
V- ≤ VOUT ≤ V+
V1
V4
V3
V2
VOUT = V1 + V2 - V3 - V4
PHOTO DETECTOR CURRENT TO
VOLTAGE CONVERTER
+
-
+2.5V
-2.5V
RF = 5M
I
PHOTODIODE
VOUT = 1 X RF
RL = 100K
1/2 ALD2706
HIGH IMPEDANCE NON-INVERTING AMPLIFIER
+
+1V
-1V
900K
100K
VOUT
VIN
1/2 ALD2706
Performance waveforms.
Upper trace is the output of a
Wien Bridge Oscillator. Lower
trace is the output of Rail-to-Rail
voltage follower.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com