Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500APCM Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETA1500APCM
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500APCM Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETA1500APCM Datasheet HTML 2Page - Texas Instruments TNETA1500APCM Datasheet HTML 3Page - Texas Instruments TNETA1500APCM Datasheet HTML 4Page - Texas Instruments TNETA1500APCM Datasheet HTML 5Page - Texas Instruments TNETA1500APCM Datasheet HTML 6Page - Texas Instruments TNETA1500APCM Datasheet HTML 7Page - Texas Instruments TNETA1500APCM Datasheet HTML 8Page - Texas Instruments TNETA1500APCM Datasheet HTML 9Page - Texas Instruments TNETA1500APCM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TNETA1500A
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS042A – AUGUST 1997 – REVISED JANUARY 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive operation (continued)
The TNETA1500A monitors the receive G1 byte for a path far-end receive failure (FERF) and path
remote-defect indication (RDI) alarms. A path FERF occurs when bits 1–4 of the G1 byte are set to a value of
1001. The path FERF alarm goes inactive when bits 1–4 of the G1 byte are set to a non-1001 value. A path RDI
occurs when bit 5 of the G1 byte is set to a value of 1 for ten consecutive frames. The path RDI alarm goes
inactive when bit 5 of the G1 byte is set to a value of 0 for ten consecutive frames. Both the path FERF and path
RDI alarms are indicated through interrupt register 3.
Once the STS-3c SPE is located, the ATM cells are identified and extracted. Cell delineation is accomplished
by computing the HEC for the first four bytes after the J1 byte and comparing the calculated value with the fifth
byte. If the values do not match, the process advances one byte and then repeats. This process continues until
a match between the calculated value and the fifth byte occurs. Cell alignment is assumed to have occurred
when seven consecutive matches occur. Until cell alignment occurs, the loss-of-cell-alignment (LOCA) alarm
remains active. Once cell alignment is established, it is monitored constantly for a LOCA condition. A LOCA
condition is declared (LOCA goes active) when seven consecutive cells occur with header errors. At this point,
the hunting process starts over.
The receive side detects multiple-bit errors and corrects single-bit errors occurring in the 5-byte ATM header
of incoming ATM cells by using the HEC byte. This feature is deactivated by setting a bit in control register 1
(see Table 6). The ATM cells with multiple-bit header errors are dropped, unless a bit is set in control register 1
(see Table 6) to disable the dropping of cells with uncorrectable errors. An 8-bit saturating counter (accessible
through the controller interface) counts the number of ATM cells with multiple-bit ATM-header errors.
After the ATM cells are extracted, they are descrambled. The 48-byte payload in the ATM cell is scrambled at
the transmitter using an x43 + 1 polynomial to further distinguish the payload from the header bytes and improve
the efficiency of the cell-delineation algorithm. The x43 + 1 polynomial also is used to descramble the payload
so that it can be sent to the next device.
The TNETA1500A has the capability of dropping idle and unassigned cells from the receive-data stream. An
idle cell is defined as a cell with a 5-byte ATM header set to a value of 00 00 00 01 52 (hex) and an unassigned
cell is defined as a cell with a 5-byte header of 00 00 00 00 55 (hex). In both cases, the payload is ignored. The
dropping of idle and/or unassigned cells can be disabled through control register 1 (CR1) in the
controller interface.
After descrambling, the ATM cell is passed to the output buffer, which operates as a FIFO. The receive-cell
interface consists of the output data (RD0 – RD7), receive-clock input (RCKI), receive-read-enable (RRE) input,
receive-FIFO-empty (RXFE) output, beginning-of-ATM-cell indicator (RXCELL), and loss-of-receive-data
(LOSRD) alarm. Data is sent out from the device on the rising edge of RCKI when RRE is low. The LOSRD alarm
goes active when the output FIFO overflows. In this case, the last cell placed into the FIFO is overwritten. The
output FIFO holds three complete ATM cells.
Cumulative counts of receive B1, B2, and B3 errors are provided by registers accessible through the controller
interface. These registers maintain running totals of B1, B2, and B3 block errors and coding violations. The
block-error counters maintain a count of the number of frames that are received with B1, B2, and B3 errors. The
coding-violation counters count the exact number of B1, B2, and B3 BIP errors that occur. It is possible for a
single frame to contain 8 B1, 24 B2, and 8 B3 BIP errors. When any of the block-error or coding-violation
counters reach maximum count, a bit is set in the interrupt registers and an interrupt is generated. These
counters are rollover counters that roll over to zero after the maximum count occurs and an interrupt is generated
(see the controller-interface operation section for additional information).
When the receive side enters a LOCA state, a path RDI may need to be sent out the transmit side through the
outgoing G1 byte. A path-RDI alarm is declared when a LOCA state is persistent for an amount of time (also
known as soak time) that has not yet been specified by any industry standards. To provide maximum flexibility
with regard to this unspecified soak time, an 8-bit counter is provided through the controller interface that allows
the user to program the amount of soak time for a path-RDI alarm in increments of 125
µs. This counter is preset
(when a device reset occurs) to a value of 4 ms, which is the anticipated soak time for a path-RDI alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com