Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500APGE Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETA1500APGE
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500APGE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETA1500APGE Datasheet HTML 2Page - Texas Instruments TNETA1500APGE Datasheet HTML 3Page - Texas Instruments TNETA1500APGE Datasheet HTML 4Page - Texas Instruments TNETA1500APGE Datasheet HTML 5Page - Texas Instruments TNETA1500APGE Datasheet HTML 6Page - Texas Instruments TNETA1500APGE Datasheet HTML 7Page - Texas Instruments TNETA1500APGE Datasheet HTML 8Page - Texas Instruments TNETA1500APGE Datasheet HTML 9Page - Texas Instruments TNETA1500APGE Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TNETA1500A
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS042A – AUGUST 1997 – REVISED JANUARY 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
controller-interface operation
The controller interface provides access to the internal memory locations that contain the control registers,
interrupt registers, interrupt-mask registers, and the ID register. Table 3 shows a memory map of the locations
of the various registers in the TNETA1500A.
Table 3. TNETA1500A Register-Memory Map
ADDRESS
(HEX VALUE)
REGISTER
ADDRESS
(HEX VALUE)
REGISTER
00
Interrupt register 1
0D
B1 block-error counter
01
Interrupt register 2
0E
Not implemented
02
Interrupt register 3
0F
B2 block-error counter
03
ID register
10
Not implemented
04
Not implemented
11
B3 block-error counter
05
Control register 1
12
B1 coding-violation counter (LSB)
06
Control register 2
13
B1 coding-violation counter (MSB)
07
Interrupt-mask register 1
14
B2 coding-violation counter (LSB)
08
Interrupt-mask register 2
15
B2 coding-violation counter
09
Interrupt-mask register 3
16
B2 coding-violation counter (MSB)
0A
Multierrored cell counter
17
B3 coding-violation counter (LSB)
0B
Path-RDI soak counter
18
B3 coding-violation counter (MSB)
0C
Not implemented
>18
Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com