Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585PCM Datasheet(PDF) 27 Page - Texas Instruments

Part # TNETA1585PCM
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585PCM Datasheet(HTML) 27 Page - Texas Instruments

Back Button TNETA1585PCM Datasheet HTML 23Page - Texas Instruments TNETA1585PCM Datasheet HTML 24Page - Texas Instruments TNETA1585PCM Datasheet HTML 25Page - Texas Instruments TNETA1585PCM Datasheet HTML 26Page - Texas Instruments TNETA1585PCM Datasheet HTML 27Page - Texas Instruments TNETA1585PCM Datasheet HTML 28Page - Texas Instruments TNETA1585PCM Datasheet HTML 29Page - Texas Instruments TNETA1585PCM Datasheet HTML 30Page - Texas Instruments TNETA1585PCM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 10)
coprocessor interface (TCCX)
NO.
MIN
MAX
UNIT
1
tsu(TCCX)
Setup time, TCCX high before CLOCK
↑
10
ns
2
th(TCCX)
Hold time, TCCX valid after CLOCK
↑
1
ns
CLOCK
(input)
1
2
TCCX
(input)
Frame
Send
ACK
Scheduler
Source
Cell Type (3 bits)
CLP
DMA Number
(11 Bits)
Figure 10. TCCX Interface
timing requirements (see Figure 11)
coprocessor interface (RCCX)
NO.
MIN
MAX
UNIT
1
tsu(RCCX)
Setup time, RCCX high before CLOCK
↑
10
ns
2
th(RCCX)
Hold time, RCCX valid after CLOCK
↑
1
ns
RCCX
(input)
CLOCK
(input)
1
2
Frame
GCI
DMA Number (11 bits)
Figure 11. RCCX Interface
timing requirements (see Figure 12)
coprocessor interface (DAX)
NO.
MIN
MAX
UNIT
1
tsu(DAX)
Setup time, DAX high before CLOCK
↑
10
ns
2
th(DAX)
Hold time, DAX valid after CLOCK
↑
1
ns
DAX
(input)
CLOCK
(input)
1
2
Frame
DAV
DMA Number (11 bits)
Figure 12. DAX Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com