Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETE100
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETE100 Datasheet HTML 7Page - Texas Instruments TNETE100 Datasheet HTML 8Page - Texas Instruments TNETE100 Datasheet HTML 9Page - Texas Instruments TNETE100 Datasheet HTML 10Page - Texas Instruments TNETE100 Datasheet HTML 11Page - Texas Instruments TNETE100 Datasheet HTML 12Page - Texas Instruments TNETE100 Datasheet HTML 13Page - Texas Instruments TNETE100 Datasheet HTML 14Page - Texas Instruments TNETE100 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
™
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
10 Base-T physical layer (continued)
TNETE100
PCI
FXMTP
FXMTN
FRCVP
FRCVN
RJ-45
Figure 2. Schematic for 10 Base-T Network Interface Using TNETE100
FIFO pointer registers (FPREGS)
The FPREGS are used to implement circular buffer FIFOs in the SRAM. They are a collection of pointer and
counter registers used to maintain the FIFO operation. Both the PCIIF and PH use FPREGS to determine where
to read or write data in the SRAM and to determine how much data the FIFO contains. Unique receive and
transmit FIFO registers are needed for each data channel supported.
FIFO SRAM (FSRAM)
The FSRAM is a conventional SRAM array accessed synchronously to the PCI bus clock. Access to the RAM
is allocated on a time-division multiplexed (TDM) basis, rather than through a conventional shared bus. This
removes the need for bus arbitration and provides guaranteed bandwidth. Half the RAM accesses (every other
cycle) are allocated to the PCI controller. It has a 64-bit access port to the RAM, giving it 1 Gbps of bandwidth,
sufficient to support 32-bit data streaming on the PCI bus. The PH has one-quarter the RAM accesses, and its
port may be up to 64 bits wide. A 64-bit port for the PH provides 512 Mbps of bandwidth, more than sufficient
for a full-duplex 100-Mbps network. The remaining RAM accesses can be allocated toward providing even more
PH bandwidth. The RAM is also accessible (for diagnostic purposes) from the TNETE100 internal data bus.
Host DIO (mapped I / O) accesses are used by the host to access internal TNETE100 registers and for adapter
test.
D 3.375K bytes of FSRAM
–
1.5K-byte FIFO for receive
–
Two 0.75K-byte FIFOs for the two transmit channels
–
Three 128-byte lists
D In one-channel mode, the two transmit channels are combined giving a single 1.5K-byte FIFO for a single
transmit channel.
Supporting 1.5K bytes of FIFO per channel allows full frame buffering of Ethernet frames. PCI latency is such
that a minimum of 500 bytes of storage is required to support 100-Mbps LANs.
test-access port (TAP)
Compliant with IEEE Standard 1149.1, the TAP is comprised of five pins that are used to interface serially with
the device and with the board on which it is installed for boundary-scan testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com