Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100PM Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETE100PM
Description  PCI ETHERNETE CONTROLLER WITH POWER MANAGEMENT SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100PM Datasheet(HTML) 2 Page - Texas Instruments

  TNETE100PM Datasheet HTML 1Page - Texas Instruments TNETE100PM Datasheet HTML 2Page - Texas Instruments TNETE100PM Datasheet HTML 3Page - Texas Instruments TNETE100PM Datasheet HTML 4Page - Texas Instruments TNETE100PM Datasheet HTML 5Page - Texas Instruments TNETE100PM Datasheet HTML 6Page - Texas Instruments TNETE100PM Datasheet HTML 7Page - Texas Instruments TNETE100PM Datasheet HTML 8Page - Texas Instruments TNETE100PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ThunderLAN
™ TNETE100PM
PCI ETHERNET
™ CONTROLLER WITH POWER MANAGEMENT
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
SPWS026 – OCTOBER 1996
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PCI
Bus
PCI
Bus Master
Control
FIFO
Registers
Multiplexed
SRAM
FIFO
Ethernet
LAN
Controller
10 / 100 Mbps
10 Base-T
Physical
Layer
Interface
10 Base-T
Ethernet
Media-
Independent
Interface
10 Base-5
(AUI)
Figure 1. ThunderLAN Architecture
description
ThunderLAN is a high-speed networking architecture that provides a complete PCI-to-10 Base-T/AUI Ethernet
solution with the flexibility to handle 100-Mbps Ethernet protocols as networking demands grow.
The TNETE100PM, an implementation of the ThunderLAN architecture (see Figure 1), is an intelligent-protocol
network interface. The ThunderLAN SRAM FIFO-based architecture eliminates the need for external memory
and offers a single-chip glueless PCI-to-10 Base-T/AUI (IEEE 802.3) solution with an on-board physical layer
interface. Modular support for 100 Base-T (IEEE 802.3u) and 100VG-AnyLAN (IEEE 802.12) is provided by a
superset of the industry-standard media-independent interface (MII). ThunderLAN uses a single driver suite to
support multiple networking protocols.
The glueless PCI interface supports 32-bit streaming, operates at speeds up to 33 MHz, and is capable of
internal data-transfer rates up to 2 Gbps, taking full advantage of all available PCI bandwidth. The
TNETE100PM offers jumperless autoconfiguration using PCI configuration read / write cycles. Customizable
configuration registers, which can be autoloaded from an external serial EEPROM, allow designers of
TNETE100PM-based systems to give their systems a unique identification code. The TNETE100PM PCI
interface, developed in conjunction with other leaders in the semiconductor and computer industries, has been
tested vigorously on multiple platforms to ensure compatibility across a wide array of available PCI products.
In addition, the ThunderLAN drivers and ThunderLAN architecture use TI’s patented Adaptive Performance
Optimization (APO) technology to adjust critical parameters for minimum latency dynamically, minimum host
CPU utilization, and maximum system performance. This technology ensures that the maximum capabilities
of the PCI interface are used by automatically tuning the controller to the specific system in which it is operating.
The MII, an industry-standard interface for connecting a variety of external IEEE 802.3u physical layer
interfaces, is supported fully by the TNETE100PM. In addition, the TNETE100PM features an
IEEE 802.12-compliant superset of the MII to allow for support of 100VG-AnyLAN physical layer interfaces. This
allows TNETE100PM-based systems to support 100 Base-TX, 100 Base-FX, 100 Base-T4, and
100VG-AnyLAN cabling schemes for maximum flexibility as each new physical layer interface becomes
available in the marketplace.
An intelligent protocol handler (PH) implements the serial protocols of the network. The PH is designed for
minimum overhead related to multiple protocols, using common state machines to implement 95% of the total
protocol handler. On transmit, the PH serializes data, adds framing and cyclic redundancy check (CRC) fields,
and interfaces to the network physical layer (PHY) chip. On receive, it provides address recognition, CRC and
error-checking, frame disassembly, and deserialization. Data for multiple channels is passed to and from the
PH by way of circular-buffer FIFOs in the FIFO SRAM.
ThunderLAN is the first multimedia-ready architecture and is capable of prioritizing data regardless of the
selected protocol. The demand-priority protocol supports two priorities of frames: normal and priority
. The two
transmit channels provide independent host channels for these two frame types. Carrier-sense multiple access
with collision detection (CSMA / CD) protocols only support a single priority of frame, but the two channels can
be used to prioritize network access. All received frames pass through the single receive channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com