Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 2 Page - Formosa MS

Part # BAS70WS
Description  70mA Surface Mount Small Signal Schottky Diodes-70v
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAS70WS Datasheet(HTML) 2 Page - Formosa MS

  BAS70WS_10 Datasheet HTML 1Page - Formosa MS BAS70WS_10 Datasheet HTML 2Page - Formosa MS BAS70WS_10 Datasheet HTML 3Page - Formosa MS BAS70WS_10 Datasheet HTML 4Page - Formosa MS BAS70WS_10 Datasheet HTML 5Page - Formosa MS BAS70WS_10 Datasheet HTML 6Page - Formosa MS BAS70WS_10 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package outline
Page 2
Formosa MS
70mA
Schottky Diodes-70V
Surface Mount Small Signal
Features
Low current rectification and high speed switching.
mall surface mount type.
Up to 70mA current capability.
Low forward voltage drop (VF = 1.00V typ. @15mA)
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
High speed ( trr < 5 ns )
• Suffix "-H" indicates Halogen-free parts, ex. ΒΑS70WS-H.
•
• S
•
•
•
•
•
Forward voltage
I = 1.0 mA
F
V = 50 V
R
V
F
I
R
0.41
1.00
V
nA
PARAMETER
Repetitive peak reverse voltage
Reverse voltage
Repetitive peak forward current
Forward current
Junction temperature
Storage temperature
CONDITIONS
Symbol
V
RRM
I
F
T
J
T
STG
MIN.
-65
TYP.
70
MAX.
70
70
100
+125
UNIT
V
mA
mA
oC
oC
Dimensions in inches and (millimeters)
V
R
I
FSM
V
@t<1.0s
I = 15 mA
F
V = 0 V, f = 1MHz
R
I = 10 mA, V = 10mA, I
= 0.1 X I , RL=100Ω
F
R
RR
R
Reverse current
Diode capacitance
Reverse recovery time
V
F
C
D
trr
V
pF
ns
100
2
5
-55
+125
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SOD-323F
0.039(1.00)
0.031(0.80)
0.071(1.80)
0.063(1.60)
0.106(2.70)
0.091(2.30)
Mechanical data
•
• Case : Molded plastic,
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.005 gram
Epoxy:UL94-V0 rated flame retardant
SOD-323F
BAS70WS
Document ID
Issued Date
Revised Date
Revision
Page.
Small Signal Schottky Diode
o
Maximum ratings and
(AT T =25 C unless otherwise noted)
A
Electrical Characteristics
Power Dissipation
P
D
200
mW
DS-22160G
2008/02/10
2010/03/10
B
7
Thermal Resistance
Junction to Ambient
R
θJA
625
oC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com