Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1550P Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1550P
Description  Dolby B type Noise Reduction System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1550P Datasheet(HTML) 5 Page - Sony Corporation

  CXA1550P Datasheet HTML 1Page - Sony Corporation CXA1550P Datasheet HTML 2Page - Sony Corporation CXA1550P Datasheet HTML 3Page - Sony Corporation CXA1550P Datasheet HTML 4Page - Sony Corporation CXA1550P Datasheet HTML 5Page - Sony Corporation CXA1550P Datasheet HTML 6Page - Sony Corporation CXA1550P Datasheet HTML 7Page - Sony Corporation CXA1550P Datasheet HTML 8Page - Sony Corporation CXA1550P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
—5—
CXA1550P, CXA1551M/P, CXA1552M/P, CXA1553M/P
Electrical Characteristics
Ta=25 °C, Dolby Level: –10 dBm (=245 mVrms) at RECOUT, 0 dBm=775 mVrms, VCC=15 V (CXA1550),
VCC=12 V (CXA1551), VCC=9 V (CXA1552), VCC=6 V (CXA1553) unless otherwise specified
Characteristics
CXA1550
Operating
CXA1551
voltage
CXA1552
CXA1553
CXA1550
Current
CXA1551
consumption
CXA1552
CXA1553
CXA1550
LINE OUT
CXA1551
level
CXA1552
CXA1553
REC IN Level
PB IN Level
(1)
Encode
(2)
characteristics
(3)
(Boost)
(4)
(5)
CXA1550
Signal
CXA1551
handling
CXA1552
CXA1553
CXA1550
CXA1551
Total
CXA1552
harmonic
CXA1553
distortion
CXA1550
CXA1551
CXA1552
CXA1553
Encode S/N ratio
REC-PB
Crosstalk
PB-REC
REC ch to ch
PB ch to ch
REC OUT offset voltage
(NR ON-OFF)
REC
Control
PB
voltage
ON
OFF
×2
Symbol
Vopr
ICC
Vlout
Vrin
Vpin
B-R-1
B-R-2
B-R-3
B-R-4
B-R-5
Vomax
THD
(OFF)
THD
(ON)
SN
(CCIR)
CT-1
CT-2
CT-3
CT-4
Voff
VC-R
VC-P
VC-ON
VC-OFF
VC-
×2
Test Conditions
R/P
—
REC
REC
REC
REC
REC
REC
REC
REC
REC
REC
R
NR
—
OFF
OFF
OFF
OFF
ON
ON
ON
ON
ON
OFF
OFF
ON
ON
f (Hz)
—
—
1 k
1 k
1 k
500
2 k
5 k
10 k
10 k
1 k
—
other
Signal
handling
≥12 dB
No signal
–25 dB
–25 dB
–25 dB
–40 dB
0 dB
THD=1 %
Rg=5 k
Ω
(CCIR/ARM)
Min.
Typ.
Max.
Unit
11.5
—
16.0
V
8.5
—
16.0
V
6.5
—
16.0
V
5.0
—
16.0
V
3.5
5.6
7.7
mA
3.5
5.5
7.7
mA
3.5
5.3
7.7
mA
3.5
5.1
7.7
mA
–1.0
0.0
1.0
dBm
–4.0
–3.0
–2.0
dBm
–7.0
–6.0
–5.0
dBm
–11.0
–10.0
–9.0
dBm
–32
–30
–28
dBm
–32
–30
–28
dBm
1.4
2.9
4.4
dB
5.5
7.0
8.5
dB
3.9
5.4
6.9
dB
9.7
10.4
11.9
dB
–1.1
0.4
1.9
dB
13.5
15.3
—
dB
14.0
15.9
—
dB
14.0
15.9
—
dB
13.0
15.0
—
dB
—
0.03
0.2
%
—
0.04
0.2
%
—
0.05
0.2
%
—
0.06
0.2
%
—
0.03
0.3
%
—
0.04
0.3
%
—
0.06
0.3
%
—
0.09
0.3
%
65
69
—
dB
—
–82
–65
dB
—
–81
–60
dB
—
–70
–60
dB
—
–70
–60
dB
–40
—
40
mV
0
—
0.5
V
2.5
—
VCC
V
0
—
0.5
V
2.5
—
VCC–2.5
V
VCC–05
—
VCC
V
∗ 0 dB means the level which provides the Dolby level at the recording output in the noise reduction off mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com