Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT2222 Datasheet(PDF) 2 Page - Formosa MS

Part # FMBT2222
Description  600mA Silicon NPN Epitaxial Planar Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222 Datasheet(HTML) 2 Page - Formosa MS

  FMBT2222 Datasheet HTML 1Page - Formosa MS FMBT2222 Datasheet HTML 2Page - Formosa MS FMBT2222 Datasheet HTML 3Page - Formosa MS FMBT2222 Datasheet HTML 4Page - Formosa MS FMBT2222 Datasheet HTML 5Page - Formosa MS FMBT2222 Datasheet HTML 6Page - Formosa MS FMBT2222 Datasheet HTML 7Page - Formosa MS FMBT2222 Datasheet HTML 8Page - Formosa MS FMBT2222 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Package outline
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
600mA Silicon NPN Epitaxial Planar
Transistor
collector-emitterbreakdien voltage.
(BV
= 40V@I =10mA)
S
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
Features
CEO
C
mall load switch transistor with high gain and low
stauration voltage, is designed for general purpose
amflifier and switching applications at collector current.
Capable of 225mW power dissipation.
•
•
•
•
•
High
Suffix "-H" indicates Halogen-free part, ex.FMBT2222-H.
PARAMETER
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current
Total device dissipation FR-5 board
(1)
Storage temperature
Operating temperature
CONDITIONS
Symbol
V
CBO
V
CEO
V
EBO
I
C
P
D
T
J
T
STG
FMBT2222
-55 ~ +150
-65 ~ +150
75
40
6.0
UNIT
V
V
V
mA
mW
oC
Maximum ratings (AT T =25 C unless otherwise noted)
A
o
Junction to ambient
R
θJA
OC/W
Mechanical data
•
•
•
•
•
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
Molded plastic, SOT-23
Weight : Approximated 0.008 gram
P
D
Thermal resistance
T= 25 C
A
O
Derate above 25 C
O
NPN Epitaxial Planar Transistor
Formosa MS
mW/ C
O
Total device dissipation alumina
substrate(2)
P
D
mW
Junction to ambient
R
θJA
OC/W
P
D
Thermal resistance
T= 25 C
A
O
Derate above 25 C
O
mW/ C
O
1.FR-5 = 1.0 X 0.75 X0.062 in.
2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FMBT2222A
60
30
5.0
600
556
225
1.8
417
300
2.4
FMBT2222 / FMBT2222A
Document ID
Issued Date
Revised Date
Revision
Page.
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231107
2008/02/10
2011/07/21
D
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com