Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021-SSH Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  8-bit Atmel Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25DF021-SSH Datasheet HTML 1Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Atmel AVR1923
8394B-AVR-02/12
3 General information
The Atmel AVR XMEGA-A3BU Xplained kit is intended to demonstrate the Atmel
AVR ATxmega256A3BU microcontroller. Figure 3-1 shows the available feature on
the board.
Figure 3-1. Overview of the XMEGA A3BU Xplained kit.
3.1 Preprogrammed firmware
The ATxmega256A3BU on the XMEGA-A3BU Xplained is pre-programmed with a
boot loader and a default firmware. The detailed description of the software is
available
in
the
XMEGA-A3BU
Xplained
Software
User
Guide
(http://atmel.com/dyn/resources/prod_documents/doc8413.pdf).
3.2 Power supply
The kit needs an external power supply that can deliver 5V and up to 500mA. The
actual current requirement for the board is much less than 500mA but in order to be
able to power optional expansion boards this margin is recommended.
The power can be applied to the board either via the USB connector or on pin 10 on
the header J3. The USB connector is the preferred input because it is then possible to
connect expansion boards on top of the J3 header.
The 5V (USB supply voltage) is regulated down to 3.3V with an onboard LDO
regulator, which provides power to the entire board. Expansion top boards that
require 5V will get this from the header J3 pin 10.
3.3 Measuring the Atmel AVR XMEGA power consumption
As part of an evaluation of the ATxmega256A3BU, it can be of interest to measure its
power consumption. Because the XMEGA has a separate power plane
(VCC_MCU_P3V3) on this board it is possible to measure the current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com