Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT4403 Datasheet(PDF) 3 Page - Formosa MS

Part # FMBT4403
Description  600mA Silicon PNP Epitaxial Planar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT4403 Datasheet(HTML) 3 Page - Formosa MS

  FMBT4403 Datasheet HTML 1Page - Formosa MS FMBT4403 Datasheet HTML 2Page - Formosa MS FMBT4403 Datasheet HTML 3Page - Formosa MS FMBT4403 Datasheet HTML 4Page - Formosa MS FMBT4403 Datasheet HTML 5Page - Formosa MS FMBT4403 Datasheet HTML 6Page - Formosa MS FMBT4403 Datasheet HTML 7Page - Formosa MS FMBT4403 Datasheet HTML 8Page - Formosa MS FMBT4403 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PARAMETER
Collector-Base breakdown voltage
Collector-Emitter
voltage(3)
breakdown
Emitter-Base
voltage
breakdown
Base cutoff current
CONDITIONS
Symbol
V
(BR)CBO
V
CEO
(BR)
V
EBO
(BR)
I
BL
I
CEX
MIN.
TYP.
MAX.
-40
-40
-5.0
-0.1
UNIT
V
V
V
µA
Formosa MS
o
Characteristics (AT T =25 C unless otherwise noted)
A
Off characteristics
I = -0.1mA, I = 0
c
E
I = -1.0mA, I = 0
c
B
I = -0.1mA, I = 0
E
C
Collector cutoff current
V
= -35Vdc, V
= -0.4 Vdc
CE
EB
V
= -35Vdc, V
= -0.4Vdc
CE
EB
3.Pulse test : pukse width < 300uS, duty cycle < 2.0%.
PARAMETER
DC current gain
CONDITIONS
Symbol
h
FE
MIN.
TYP.
MAX.
30
60
100
100
UNIT
-
Vdc
20
On characteristics(3)
I = -0.1mA, V
= -1.0V
c
CE
I = -1.0mA, V
= -1.0V
c
CE
I = -10mA, V
= -1.0V
c
CE
I = -150mA, V
= -1.0V
c
CE
I = -500mA, V
= -2.0V
c
CE
Collector-Emitter saturation voltage(3)
Base-Emitter saturation voltage(3)
I = 150mA, I = 15mA
c
B
I = 500mA, I = 50mA
c
B
I = 150mA, I = 15mA
c
B
I = 500mA, I = 50mA
c
B
Vdc
-0.4
-0.75
-0.95
-1.30
0.75
V
CE(sat)
V
BE(sat)
PARAMETER
Input capacitance
CONDITIONS
Symbol
C
ibo
MIN.
TYP.
MAX.
200
8.5
30
1.5
UNIT
-
0.1
Small-signal characteristics
I = -20mA, V
= -10V, f = 100MHz
C
CE
Output admittance
500
100
h
fe
Current-gain-bandwidth product(4)
Output capacitance
Input impedance
Voltage feeback radio
Small-signal current gain
V
= -10V, I = 0, f = 1.0MHz
CB
E
V
= -0.5V, I = 0, f = 1.0MHz
EB
C
V
= -10V, I = -1.0mA, f = 1.0KHz
CE
C
V
= -10V, I = 1.0mA, f = 1.0KHz
CE
C
V
= -10V, I = -1.0mA, f = 1.0KHz
CE
C
V
= -10V, I = -1.0mA, f = 1.0KHz
CE
C
f
T
C
obo
h
ie
h
re
h
oe
15
8.0
60
1.0
-4
X 10
µmhos
pF
kohms
MHz
pF
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
PARAMETER
Storage time
CONDITIONS
Symbol
ts
MIN.
TYP.
MAX.
20
225
UNIT
Switching characteristics
Delay time
Rise time
Fall time
V
= -30V, V
= -2.0Vdc, I = -150mA, I
= -15mA
CC
BE
C
B1
td
tr
tf
30
V
= -30V, I =-150mA, I
= I
= -15mA
CC
C
B1
B2
ns
15
4.f is defined as the frequency at which h extrapolates to unity.
T
fe
-0.1
300
PNP Epitaxial Planar Transistor
FMBT4403
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231118
2008/02/10
2010/03/10
B
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com