Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2303 Datasheet(PDF) 3 Page - Formosa MS

Part # FMS2303
Description  30V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMS2303 Datasheet(HTML) 3 Page - Formosa MS

  FMS2303 Datasheet HTML 1Page - Formosa MS FMS2303 Datasheet HTML 2Page - Formosa MS FMS2303 Datasheet HTML 3Page - Formosa MS FMS2303 Datasheet HTML 4Page - Formosa MS FMS2303 Datasheet HTML 5Page - Formosa MS FMS2303 Datasheet HTML 6Page - Formosa MS FMS2303 Datasheet HTML 7Page - Formosa MS FMS2303 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
PARAMETER
Gate-body leakage current-forward
Gate threshold voltage
Static drain-source on-resistance
a
Intput capacitance
Reverse transfer capacitance
Turn-On Delay Time
Turn-Off Delay Time
V
= 0V, I = -250uA
GS
D
V
= 20V, V
=0
GS
DS
V
=
, I = -250uA
DS
D
VGS
V
= -10V, I = -1.7A
GS
D
CONDITIONS
Symbol
BVDSS
IGSSF
VGS(th)
IDSS
Ciss
Td(on)
MIN.
-30
TYP.
MAX.
100
UNIT
V
nA
V
mΩ
V
pF
ns
Electrical characteristics (At T =25 C unless otherwise noted)
A
o
Drain-source breakdown voltage
V
= -15V,
R
=6
V
=-10V
DS
GEN
GS
Ω
R=15
,
L
Ω
SMD MOSFET
Zero gate voltage drain current
V
= -30V, V
= 0V
DS
GS
, T = 25 C
J
O
-1.0
μA
Gate-body leakage current-reverse
V
= -20V,
GS
DS
V=0
IGSSR
-100
nA
V
= -4.5V, I = -1.3A
GS
D
RDS(ON)
464
-1.0
32
STATIC
75
100
Diode Forward Voltage
V
=0V,
=25 C
GS
J
O
I = -1.25A, T
S
-1.4
DYNAMIC
Output capacitance
Coss
Crss
V
= -15V, V
= 0V,
f=1.0MHz
DS
GS
72
23
Total gate charge
Gate-source charge
Gate-drain charge
Q
g
Q
gs
Q
gd
14.4
2.7
nC
V
= -15V, I = -1.7A
V
=-10.0V
DS
D
GS
Tr
Td(off)
Tf
17
40
5
Notes
a
Pulse test
pulse width
300us
duty cycle
2
:.
;
,
%
≦≦
VSD
FMS2303
Document ID
Issued Date
Revised Date
Revision
Page.
-3.0
60
75
-0.7
3.6
DS-231135
2011/03/10
2011/07/21
B
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com