Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL14 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # KL14
Description  Supports all KL14 and KL15 devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL14 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button KL14 Datasheet HTML 9Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 10Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 11Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 12Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL14 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
• Up to 32 interrupt sources
• Includes a single non-maskable interrupt
4.5.1.3 Wake-up Interrupt Controller (WIC)
• Supports interrupt handling when system clocking is disabled in low power modes
• Takes over and emulates the NVIC behavior when correctly primed by the NVIC on entry to very-deep-sleep
• A rudimentary interrupt masking system with no prioritization logic signals for wake-up as soon as a non-masked
interrupt is detected
• Contains no programmer’s model visible state and is therefore invisible to end users of the device other than through
the benefits of reduced power consumption while sleeping
4.5.1.4 Debug Controller
• 2-pin serial wire debug (SWD) provides external debugger interface
• Micro trace buffer (MTB) provides simple execution trace capability and operates as a simple AHB-Lite SRAM
controller
System Modules
4.5.2.1 Power Management Control Unit (PMC)
• Separate digital (regulated) and analog (referenced to digital) supply outputs
• Programmable power saving modes
• No output supply decoupling capacitors required
• Available wake-up from power saving modes via RTC and external inputs
• Integrated Power-on Reset (POR)
• Integrated Low Voltage Detect (LVD) with reset (brownout) capability
• Selectable LVD trip points
• Programmable Low Voltage Warning (LVW) interrupt capability
• Buffered bandgap reference voltage output
• Factory programmed trim for bandgap and LVD
• 1 kHz Low Power Oscillator (LPO)
4.5.2.2 DMA Channel Multiplexer (DMA MUX)
• 4 independently selectable DMA channel routers
• 2 periodic trigger sources available
• Each channel router can be assigned to 1 of 63 possible peripheral DMA sources
4.5.2.3 DMA Controller
Four independently programmable DMA controller channels provides the means to directly transfer data between system
memory and I/O peripherals
• DMA controller is capable of functioning in run, wait and stop modes of operation
• Dual-address transfers via 32-bit master connection to the system bus
• Data transfers in 8-, 16-, or 32-bit blocks
• Continuous-mode or cycle-steal transfers from software or peripheral initiation
4.5.2
System Modules
KL14/KL15 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
13
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com