Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EB Datasheet(PDF) 39 Page - InnovASIC, Inc

Part # IA188EB
Description  8-Bit/16-Bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EB Datasheet(HTML) 39 Page - InnovASIC, Inc

Back Button IA188EB Datasheet HTML 35Page - InnovASIC, Inc IA188EB Datasheet HTML 36Page - InnovASIC, Inc IA188EB Datasheet HTML 37Page - InnovASIC, Inc IA188EB Datasheet HTML 38Page - InnovASIC, Inc IA188EB Datasheet HTML 39Page - InnovASIC, Inc IA188EB Datasheet HTML 40Page - InnovASIC, Inc IA188EB Datasheet HTML 41Page - InnovASIC, Inc IA188EB Datasheet HTML 42Page - InnovASIC, Inc IA188EB Datasheet HTML 43Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 39 of 85
1-888-824-4184
Table 8. IA188EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
pdtmr
pdtmr
36
24
67
Power-down timer. Input/Output (push-pull).
Note: The IA188EB enters Powerdown Mode
when the PWRDN bit in the Power Control
Register is set to 1 and a HALT instruction is
executed. Exit from the Powerdown Mode
occurs upon receipt of a non-maskable interrupt
(i.e., assertion of the nmi input) or a reset (i.e.,
assertion of the resin_n input).
The pdtmr pin, which is normally connected to
an external capacitor, determines the amount of
time that the IA188EB waits before resuming
normal operation after an exit from the
Powerdown when a non-maskable interrupt is
received
—essentially a delay between the
assertion of the nmi input and the enabling of
the IA188EB internal clocks. The delay
required depends on the start-up characteristics
of the crystal oscillator.
The pdtmr pin does not apply when the
Powerdown Mode is exited by the receipt of a
reset (i.e., the assertion resin_n).
rd_n
rd_n
4
73
36
read. Output. Active Low. When asserted
(low), rd_n indicates that the accessed memory
or I/O device must drive data from the location
being accessed onto the data bus.
ready
ready
18
6
49
ready. Input. Active High. When asserted
(high) the ready line indicates the completion of
a bus cycle. This signal must be active to
terminate any bus cycle unless the IA188EB
Chip-Select Unit is configured to ignore ready.
resin_n
resin_n
37
25
68
reset input. Input. Active Low. When resin_n
is asserted (low), the IA188EB immediately
terminates any bus cycle in progress and
assumes an initialized state. All pins are driven
to a known state, and resout (see next table
entry) is asserted.
resout
resout
38
26
69
reset output. Output. Active High. When
resout is asserted, it indicates that the IA188EB
is being reset. The resout signal will remain
active (high) as long as resin_n remains active
(low).
rfsh_n
rfsh_n
7
76
39
refresh. Output. Active Low. When rfsh_n is
asserted (low), it indicates that a refresh cycle is
in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com