Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER07A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ER07A
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ER07A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  ER07A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ER07A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
ER07A THRU ER07J
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
ER07A THRU ER07J
50V-600V
1.0A
SURFACE MOUNT RECTIFIER
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.01
0.1
1
10
100
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.2-MAXIMUMNON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGECURRENT
12
4
6 8 10
20
40
60 80 100
20
10
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG.1-TYPICALFORWARDCURRENT
AMBIENT TEMPERATURE, (
)
DERATINGCURVE
1.0
.8
.6
.4
.2
0
0
25
50
75
100 125 150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG.3-TYPICALINSTANTANEOUS
FORWARDCHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 100
TJ = 25
FIG.4-TYPICALREVERSECHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.1
.4
1
4
100
10
.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com