Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD110808SCL Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD110808SCL
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110808SCL Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD110808SCL Datasheet HTML 3Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 4Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 5Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 6Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 7Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 8Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 9Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 10Page - Advanced Linear Devices ALD110808SCL Datasheet HTML 11Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ALD110808/ALD110808A/ALD110908/ALD110908A
Advanced Linear Devices
7 of 11
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
DRAIN - GATE DIODE CONNECTED VOLTAGE
TEMPCO vs. DRAIN SOURCE ON CURRENT
5
DRAIN SOURCE ON CURRENT (µA)
1
10
100
1000
-55°C ≤ TA ≤ +125°C
0
-5
-2.5
2.5
NORMALIZED SUBTHRESHOLD
CHARACTERISTICS RELATIVE
GATE THRESHOLD VOLTAGE
DRAIN-SOURCE CURRENT (nA)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
10000
1000
100
10
1
0.1
VD = 0.1V
55°C
25°C
TRANCONDUCTANCE vs. DRAIN-SOURCE
ON CURRENT
DRAIN -SOURCE ON CURRENT(mA)
2
4
6
8
10
0.0
1.2
0.9
0.6
0.3
0
TA = 25°C
VDS = +10V
0.5
1.0
2.0
5.0
0.2
0.1
DRAIN-SOURCE ON VOLTAGE (V)
ZERO TEMPERETURE COEFFICIENT CHARACTERISTIC
0.0
0.2
0.5
0.6
0.3
VGS(TH)=-3.5V
VGS(TH)=-1.3V, -0.4V, 0.0V, +0.2V, +0.8V, +1.4V
TRANSFER CHARACTERISTICS
GATE-SOURCE VOLTAGE (V)
-4
-2
0
2
4
8
10
6
1.6
1.2
0.8
0.4
0.0
TA = 25°C
VDS = +10V
VGS(TH) = -3.5V
VGS(TH) = -0.4V
VGS(TH) = 0.0V
VGS(TH) = +0.2V
VGS(TH) = +0.8V
VGS(TH) = -1.3V
VGS(TH) = +1.4V
SUBTHRESHOLD CHARACTERISTICS
DRAIN -SOURCE CURRENT (nA)
2.5
2.0
1.0
0.5
0.0
1.5
-0.5
100000 10000
1000
100
10
1
0.1
55°C
VGS(th) = 0.2V
VGS(th) = 0.4V
25°C
THRESHOLD VOLTAGES
vs. AMBIENT TEMPERATURES
AMBIENT TEMPERATURE (
OC)
2.0
1.0
-1.0
-2.0
-3.0
0.0
-4.0
-25
25
75
125
IDS = +1µA
VDS = +0.1V
VGS(th) = -0.4V
VGS(th) = -1.3V
VGS(th) = -3.5V
VGS(th) = 0.0V
THRESHOLD VOLTAGE vs.
AMBIENT TEMPERATURE
4.0
3.0
2.0
0
AMBIENT TEMPERATURE (°C)
-50
-25
0
25
50
125
100
75
1.0
VDS = +0.1V ID = 1.0µA
Vt = 0.8V
Vt = 1.4V
Vt = 0.4V
Vt = 0.2V
Vt = 0.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com