Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRX120 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBRX120
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBRX120 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBRX120 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBRX120 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRX120 THRU MBRX1A0
20V-100v
1.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
◇ Low forward surge current
◇ Ideal for surface mouted applications
◇ Low leakage current
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.0008 ounces, 0.022 gram
◇ Mounting position: Any
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
Ratings at 25℃ ambient temperature unless otherwise specified.
Single hase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
S3
S4
S6
S8
SA
VRRM
30
40
60
80
100
V
VRMS
21
28
42
56
70
V
VDC
30
40
60
80
100
V
Maximum instantaneous
@IFM=1.0A
at rated DC blocking voltage
CJ
p F
Tj
℃
TSTG
℃
NOTE1.Measured at f=1.0MHz,VR=4.0V
20
14
20
0.50
0.72
0.85
A
I(AV)
Maximum recurrent peak reverse voltage
Maximum average forword
rectified current
TJ=90℃
Device marking code
A
MBRX
130
MBRX
140
MBRX
160
MBRX
180
MBRX
1A0
UNITS
IFSM
- 55 --- + 125
20
- 55 --- + 150
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Storage temperature range
on rated load
VF
forward voltage
IR
Operating temperature range
1.0
MBRX
120
Maximum RMS voltage
Maximum DC blocking voltage
S2
0.55
Repetitive peak reverse current
V
0.3
m A
Typical junction capacitance
30


Similar Part No. - MBRX120

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRX120 MCC-MBRX120 Datasheet
335Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Galaxy Semi-Conductor H...
MBRX120 BILIN-MBRX120 Datasheet
225Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
MBRX120 LUGUANG-MBRX120 Datasheet
251Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
326Kb / 7P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBRX120

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com