Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRX160 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBRX160
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBRX160 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBRX160 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBRX160 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
MBRX120 THRU MBRX1A0
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
REVERSE VOLTAGE,VOLTS
FIG.5--TYPICAL JUNCTION CAPACITANCE
JUNCTION TEMPERATURE
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
1
10
100
1
10
100
f
= 1 MHz
Ta
= 25°C
0
0.25
0.5
0.75
1.0
0
25
50
75
100
125
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
150
1.25
175
1
2
4
1 0
82 0
40
60 80 100
0
10
2 0
.01
0
0.1
1.0
10
100
80
60
40
20
100
TJ=25
TJ=125
MBRX120
MBRX130-MBRX140
MBRX160
MBRX180-MBRX1A0
MBRX120 THRU MBRX1A0
20V-100v
1.0A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com