Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1MB Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RS1MB
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RS1MB Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RS1MB Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd RS1MB Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000v
1.0A
RS1AB THRU RS1MB
SURFACE MOUNT FAST RECOVERY RECTIFIER
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
·
Glass Passivated Die Construction
·
Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
SMA Weight: 0.064 grams (approx.)
·
SMB Weight: 0.093 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
UNITS
0C
0C
-65 to +175
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
1.0
30
1.3
+175
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
TJ
TRR
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
5.0
100
150
250
500
15
A
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current .0375
0
(9.5mm)Lead Length at TA =55 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneoue at 1.0A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage @TA=100 C
Maximum Reverse Recovery Time
Typical Junction Capacitance
Operating Temperature Range
Storage Temperature Range
RS1AB RS1BB RS1DB RS1GB RS1JB
RS1KB RS1MB
NOTES
1. Measured at 1 MHz and applied reverse Voltag of 4.0VDC
2. Thermal Resistance Junction to case


Similar Part No. - RS1MB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1MB SSE-RS1MB Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS1MB DIODES-RS1MB Datasheet
47Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Weitron Technology
RS1MB WEITRON-RS1MB Datasheet
177Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Diodes Incorporated
RS1MB DIODES-RS1MB Datasheet
107Kb / 3P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. 11 - 2
logo
PACELEADER INDUSTRIAL
RS1MB PACELEADER-RS1MB Datasheet
142Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1MB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com