Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL03-M Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SL03-M
Description  Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SL03-M Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SL03-M Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SL03-M Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL04-M
V
SL03-M
V
Maximum DC blocking voltage
SL02-M
V
SL04-M
V
SL03-M
V
Maximum RMS voltage
SL02-M
V
SL04-M
V
SL03-M
V
SL02-M
V
SL02-M THRU SL04-M
20V-40V
1.1A
1)
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
• For surface mounted applications
• Low-profile package
• Ideal for automated placement
• Low power loss, high efficiency
• High temperature soldering:
260 °C/10 seconds at terminals
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Case: JEDEC DO-219AB (SMF) Plastic case
Polarity: Color band denotes cathode end
Weight: approx. 15 mg
Packaging codes-options:
G18 / 10 k per 13" reel (8 mm tape), 50 k/box
G08 / 3 k per 7" reel (8 mm tape), 30 k/box
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Mounted on epoxy substrate with 3 x 3 mm Cu pads (
≥ 40 μm thick)
DC
20
V
DC
30
V
DC
40
V
Maximum average forward
rectified current
Ttp = 109 °C
IF(AV)
1.1
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
40
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air2)
RthJA
180
K/W
Maximum operating junction
temperature
TJ
125
°C
Storage temperature range
TSTG
- 55 to 150
°C
Parameter
Test condition
Part
Symbol
Value
Unit
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak
reverse voltage
RRM
20
V
RRM
30
V
RRM
40
V
RMS
14
V
RMS
21
V
RMS
28
V
Absolute Maximum Ratings
Small Signal Schottky Diodes


Similar Part No. - SL03-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL03-M VISHAY-SL03-M Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
SL03-M VISHAY-SL03-M Datasheet
107Kb / 6P
Schottky Rectifier Surface-Mount
26-Feb-2021
SL03-M VISHAY-SL03-M Datasheet
107Kb / 6P
Schottky Rectifier Surface-Mount
26-Feb-2021
SL03-M-08 VISHAY-SL03-M-08 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
SL03-M-18 VISHAY-SL03-M-18 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - SL03-M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com