Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1060FL Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SS1060FL
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS1060FL Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS1060FL Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS1060FL Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SS1020FL THRU SS10100FL
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
0
0.2
0.4
0.6
0.8
1.0
10
40
60
80
100
120
140
T , TERMINAL TEMPERATURE (ºC)
T
Fig. 1 Forward Current Derating Curve
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
0.01
0.1
1
10
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T = 100ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
T = 125ºC
A
T = -65ºC
A
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
1000
10
100
0
10
20
30
40
f = 1MHz
0
5
10
15
20
25
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
20V -100V
1.0A
SS1020FL THRU SS10100FL
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com