Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2020FL Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SS2020FL
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS2020FL Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS2020FL Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS2020FL Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SS2020FL THRU SS20100FL
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
20V -100V
2.0A
SS2020FL THRU SS20100FL
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
FIG.1 Typical Forward Current Derating Curve
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
0.4
0.8
1.2
1.6
2.0
2.4
AMBIENT TEMPERATURE,(˚C)
0
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
NUMBER OF CYCLES AT 60Hz
FIG.2 Typical Forward Characteristics
FIG.3 Maximum Non-Repetitive Forward
Surge Current
FIG.4 Typical Junction Capacitance
FIG.5 Typcial Reverse Characteristics
0.1
1.0
.01
10
50
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
Tj=25˚C
0
20
10
30
50
40
1
10
5
50
100
Tj=25˚C
8.3ms Single Half
Sine Wave
JEDEC method
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50 100
.1
1.0
10
100
0
20
40
60
80 100 120 140
.01
Tj=75˚C
Tj=25˚C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com