Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3040FL-F Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SS3040FL-F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS3040FL-F Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS3040FL-F Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS3040FL-F Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SS3040FL-F
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
0
25
50
75
100
125
150
175
2.4
1.8
1.2
0.6
0
LEAD TEMPERATURE, C
O
LEAD TEMPERATURE, C
O
0
20
40
60
10
4
10
4
10
3
10
3
10
2
10
2
10
1
0.1
REVERSE VOLTAGE,V (V)
R
REVERSE VOLTAGE,V (V)
R
SINGLE PHASE HALF WAVE 60Hz
RESTSTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.2x0.2 (5.0x5.0mm)
COPPER PAD AREAS
,,
100 C
O
100 C
O
75 C
O
75 C
O
25 C
O
25 C
O
FIG. 1-FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL REVERSE CHARACTERISTIC
FIG. 4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
20
0.1
10
1.0
.5
.6
.7
.8 .9.
1.0 1.1 1.2 1.3 1.4
T= 25 C
PulseWidth= 300 s
1%Duty Cycle
J
O
m
V ,REVERSE VOLTAGE(VOLTS)
R
V ,REVERSE VOLTAGE(VOLTS)
R
0
10
20
30
40
1000
100
0.1
10
FIG.3-TYPICAL JUNCTION CHATACTERISTIC
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
40V
2.4A
SS3040FL-F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com