Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS716 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS716
Description  Low-leakage diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS716 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS716 Datasheet HTML 1Page - NXP Semiconductors BAS716 Datasheet HTML 2Page - NXP Semiconductors BAS716 Datasheet HTML 3Page - NXP Semiconductors BAS716 Datasheet HTML 4Page - NXP Semiconductors BAS716 Datasheet HTML 5Page - NXP Semiconductors BAS716 Datasheet HTML 6Page - NXP Semiconductors BAS716 Datasheet HTML 7Page - NXP Semiconductors BAS716 Datasheet HTML 8Page - NXP Semiconductors BAS716 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003 Nov 07
2
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS716
FEATURES
• Plastic SMD package
• Low leakage current: typ. 0.2 nA
• Switching time: typ. 0.6 µs
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.
APPLICATION
• Low leakage current applications in surface mounted
circuits.
DESCRIPTION
Epitaxial medium-speed switching diode with a low
leakage current in an ultra small SOD523 (SC-79) SMD
plastic package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage12
;
Top view
MAM408
Fig.1
Simplified outline (SOD523; SC-79) and
symbol.
Marking code: S1.
The marking bar indicates the cathode.
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on a FR4 printed-circuit board.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BAS716
−
plastic surface mounted package; 2 leads
SOD523
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
see Fig.2; note 1
−
200
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward current square wave; Tj = 25 °C prior to surge;
see Fig.4
tp = 1 µs
−
4
A
tp = 1 ms
−
1
A
tp = 1 s
−
0.5
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com