Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFM11-MS Datasheet(PDF) 2 Page - Formosa MS

Part # SFM11-MS
Description  1.0A Surface Mount Super Fast Rectifiers-50-600V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM11-MS Datasheet(HTML) 2 Page - Formosa MS

  SFM11-MS Datasheet HTML 1Page - Formosa MS SFM11-MS Datasheet HTML 2Page - Formosa MS SFM11-MS Datasheet HTML 3Page - Formosa MS SFM11-MS Datasheet HTML 4Page - Formosa MS SFM11-MS Datasheet HTML 5Page - Formosa MS SFM11-MS Datasheet HTML 6Page - Formosa MS SFM11-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package outline
Page 2
Chip Silicon Rectifier
Formosa MS
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space..
iny plastic SMD package.
High current capability.
• Super fast reovery time for switching mode application.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
• Suffix "-H" indicates Halogen free parts, ex. SFM11-MS-H.
•
•
• T
•
•
•
•
1.0A Surface Mount Super
Fast Rectifiers-50-600V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
uA
OC
pF
1.0
25
5.0
+175
-65
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
10
100
SFM11-MS
SFM12-MS
SFM13-MS
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
SFM14-MS
SFM15-MS
200
300
140
210
1.70
-55 to +150
SFM16-MS
SFM17-MS
400
500
280
350
t
rr
(ns)
*5
35
50
100
150
200
300
400
500
0.95
1.25
SFM18-MS
600
600
420
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
*5 Reverse recovery time, note 1
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
SFM11-MS THRU SFM18-MS
0.154(3.9)
0.138(3.5)
0.018(0.45) Typ.
0.079(2.0)
0.063(1.6)
0.040(1.00)
0.036(0.90)
0.032 (0.8) Typ.
0.032(0.8) Typ.
0.029(0.75)
0.037(0.95)
Dimensions in inches and (millimeters)
SOD-123S
0.009(0.22)
0.007(0.18)
0.119(3.0)
0.103(2.6)
DS-121449
2012/03/30
-
A
7
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123S/MINI SMA
• Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.0155 gram
•



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com