Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F382 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74F382
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F382 Datasheet(HTML) 2 Page - Texas Instruments

  SN74F382 Datasheet HTML 1Page - Texas Instruments SN74F382 Datasheet HTML 2Page - Texas Instruments SN74F382 Datasheet HTML 3Page - Texas Instruments SN74F382 Datasheet HTML 4Page - Texas Instruments SN74F382 Datasheet HTML 5Page - Texas Instruments SN74F382 Datasheet HTML 6Page - Texas Instruments SN74F382 Datasheet HTML 7Page - Texas Instruments SN74F382 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74F382
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SDFS079A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PIN DESIGNATIONS
DESIGNATION
PIN NO.
FUNCTION
A3, A2, A1, A0
17, 19, 1, 3
Word A inputs
B3, B2, B1, B0
16, 18, 2, 4
Word B inputs
S2, S1, S0
7, 6, 5
Function-select inputs
Cn
15
Carry input for addition,
inverted carry input for subtraction
F3, F2, F1, F0
12, 11, 9, 8
Function outputs
Cn+4
14
Ripple-carry output
OVR
13
Overflow output
VCC
20
Supply voltage
GND
10
Ground
logic symbol†
ALU
P
3
A0
Q
4
B0
F3
12
14
(1,2) BO
3CO
M
0
7
F0
8
0
5
S0
6
S1
2
7
S2
3 C1 [1]
15
P
1
A1
Q
2
B1
F1
9
P
19
A2
Q
18
B2
F2
11
P
17
A3
Q
16
B3
Cn
(1/2) B1 [1]
OVR
13
Cn+4
BO/CO
BO/CO
1
2
4
8
=1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
function table
Certain differences exist in the OVR and Cn+4 function table compared with similar parts from other technologies
and other vendors. No differences exist in the arithmetic modes (B minus A, A minus B, and A plus B) where
these outputs perform valuable cascade functions. There are slight differences in the other modes (clear, A + B,
A
⊕ B, AB, and preset), in which these outputs strictly don’t care.
The following function table is a condensed version and assumes for An that A0, A1, A2, and A3 inputs all agree,
and for Bn that B0, B1, B2, and B3 inputs all agree. This table is intended to point out the response of these OVR
and Cn+4 outputs in all modes of operation to facilitate incoming inspection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com