Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE211PN Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETE211PN
Description  ThunderLANE TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR 100VG-AnyLAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE211PN Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETE211PN Datasheet HTML 7Page - Texas Instruments TNETE211PN Datasheet HTML 8Page - Texas Instruments TNETE211PN Datasheet HTML 9Page - Texas Instruments TNETE211PN Datasheet HTML 10Page - Texas Instruments TNETE211PN Datasheet HTML 11Page - Texas Instruments TNETE211PN Datasheet HTML 12Page - Texas Instruments TNETE211PN Datasheet HTML 13Page - Texas Instruments TNETE211PN Datasheet HTML 14Page - Texas Instruments TNETE211PN Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TNETE211
ThunderLAN
™ TO IEEE 802.12 PHYSICAL MEDIA DEPENDENT INTERFACE FOR
100VG-AnyLAN
SPWS019 – MAY 1995
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TDATA timing requirements (see Figure 7)
PARAMETER
MIN
MAX
UNIT
td(CLK-PTXENL)
Delay time, CLK to PTXEN low
>0
15
ns
td(CLK-PTXENH)
Delay time, CLK to PTXEN high
>0
15
ns
td(CLK-PTXDV)
Delay time, CLK to PTXD valid
>0
15
ns
td(CLK-PTXDV)
CLK
PTXEN
PTXD[0–3]
td(CLK-PTXENH)
td(CLK-PTXENL)
Figure 7. Transmit Data Timing
PRLS timing requirements (see Figure 8)
PARAMETER
MIN
MAX
UNIT
td(CLK-PRLSRENL)
Delay time, CLK to PRLSREN low
>0
15
ns
td(CLK-PRLSRENH)
Delay time, CLK to PRLSREN high
>0
15
ns
tsu(PRLSV-CLK)
Setup time, PRLS valid to rising edge of CLK
10
ns
th(CLK-PRLSX)
Hold time, CLK to PRLS changing
>0
ns
CLK
PRLSREN
PRLS[0–3]
tsu(PRLSV-CLK)
td(CLK-PRLSRENL)
th(CLK-PRLSX)
td(CLK-PRLSRENH)
Figure 8. PRLS Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com