Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCAP0310 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # BCAP0310
Description  Round, radial mounting design for easy surface mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0310 Datasheet(HTML) 2 Page - Maxwell Technologies

  BCAP0310 Datasheet HTML 1Page - Maxwell Technologies BCAP0310 Datasheet HTML 2Page - Maxwell Technologies BCAP0310 Datasheet HTML 3Page - Maxwell Technologies BCAP0310 Datasheet HTML 4Page - Maxwell Technologies BCAP0310 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ULTRACAPACITOR
BOOSTCAP®
Page 2
Document number: 1017105.1
maxwell.com
®
DATASHEET
BC SERIES ULTRACAPACITORS
PRODUCT SPECIFICATIONS (Cont’d)
POWER & ENERGY
BCAP0310
BCAP0350
Usable Specific Power, P
d
5
6,600 W/kg
4,600 W/kg
Impedance Match Specific Power6
14,000 W/kg
9,500 W/kg
Specific Energy, E
max
7
5.2 Wh/kg
5.9 Wh/kg
Stored Energy8
0.31 Wh
0.35 Wh
LIFE
High Temperature1
(at Rated Voltage & Maximum Operating
Temperature)
1,500 hours
1,500 hours
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Room Temperature1
(at Rated Voltage & 25oC)
10 years
10 years
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Cycle Life1,9
500,000 cycles
500,000 cycles
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Test Current
31 A
35 A
Shelf Life1,10
(Stored uncharged up to a maximum storage
temperature)
2 years
2 years
SAFETY
Short Circuit Current, typical
(Current possible with short circuit from rated
voltage. Do not use as an operating current.)
1,200 A
840 A
Certifications
UL810a, RoHS
UL810a, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com