Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2010 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CSR2010
Description  Ultra Low Ohm (Metal Strip) Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CSR2010 Datasheet(HTML) 2 Page - Riedon Powertron

  CSR2010 Datasheet HTML 1Page - Riedon Powertron CSR2010 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
12/11
Test
Specification
Test Method
Black Coating
Green Coating
Temperature Coefficient
of Resistance
AsSpec.
+25/-55/+25/+125/+25°C
Short Time Overload
+0.5%
+1.0%
5xratedpowerfor5seconds
Load Life
+1.0%
+1.0%
70±2°C,Max.workingvoltagefor1000hrswith1.5hrs
“ON”
and0.5hrs“OFF”
Dry Heat
+1.0%
+1.0%
at+170°Cfor1000hrs
Solderability
95%min.coverage
245±5°Cfor3seconds
Resistance to Soldering
Heat
+0.5%
+1.0%
260±5°Cfor10seconds
Thermal Shock
+0.5%
±(0.5%+0.05Ω)
-55°C~150°C,100cycles
Specifications
Part
L inches [mm]
B inches [mm]
D inches [mm]
C inches [mm]
CSR1206
0.13[3.2]
0.06[1.6]
0.02[0.6]
0.02-0.04[0.6-1.1]
CSR2010
0.2[5.08]
0.1[2.54]
0.02[0.6]
0.04-0.07[1.04-1.84]
CSR2512
0.25[6.35]
0.13[3.18]
0.01-0.05[0.25-1.25]
0.05[1.30]
CSR2512A,B,C
0.25[6.35]
0.12[3.00]
0.02[0.6]
0.05-0.11[1.18-2.68]
*GreenCoatingcan’tbeusedinsolderbath
Tablehasbeensimplified.Pleaseinquireforexactdimensions
CSR Series
UltraLowOhm(MetalStrip)ChipResistor
ReelSizes
Type
Quantity
CSR1206
EmbossedTape
2000
CSR2010
CSR2512
Ordering Information
PartNumber-Resistance-Tolerance-TCR
Example:CSR25121mOhm1%50ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com