Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBC06C Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HBC06C
Description  Back Electret Condenser Microphon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HBC06C Datasheet(HTML) 1 Page - JL World Company Limited.

  HBC06C Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S/N
Ratio
(dB)
60
³
Frequency
Range
(Hz)
100~10000
Specification (alldatatakenat25°Cunlessotherwisespecified)
H
Condition:0dB=1V/pa,1kHz,Differentsensitivitylevelisavailableuponrequest.
Microphones
www.jlworld.com
Model
HBC0603C-65
FrequencyResponse
AppliedVoltageVs=3V
LoadResistanceR =2.2k
L
W
HBC06C
Series
Directivity
NoiseCanceling
H
Sensitivity
(dB)
-45±3
Rated
Voltage
(V)
3
Maximum
Operating
Voltage(V)
10
Current
Consumption
(mA)
0.5
£
Impedance
( )
Low
W
Dimension
Unit:mm
Tolerance:±0.3mm
BackElectretCondenserMicrophone
-20
-30
-10
0
10
L =1cm
L =50cm
500
1K
2K
5K
10K
20K
Hz
dB
100
200
2.7
Terminal1
Terminal2


Similar Part No. - HBC06C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
43Kb / 1P
Back Electret Condenser Microphone
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
259Kb / 1P
Frequency Response
HBC0603B-65 JLWORLD-HBC0603B-65 Datasheet
259Kb / 1P
Frequency Response
HBC0603C-65 JLWORLD-HBC0603C-65 Datasheet
259Kb / 1P
Frequency Response
More results

Similar Description - HBC06C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
43Kb / 1P
Back Electret Condenser Microphone
HBO0302A-64 JLWORLD-HBO0302A-64 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBO0402B-64 JLWORLD-HBO0402B-64 Datasheet
42Kb / 1P
Back Electret Condenser Microphone
HBO0403G-66S JLWORLD-HBO0403G-66S Datasheet
41Kb / 1P
Back Electret Condenser Microphone
HBO0602K-65 JLWORLD-HBO0602K-65 Datasheet
41Kb / 1P
Back Electret Condenser Microphone
HBU0803A-64 JLWORLD-HBU0803A-64 Datasheet
46Kb / 1P
Back Electret Condenser Microphone
HBC10A JLWORLD-HBC10A Datasheet
49Kb / 1P
Back Electret Condenser Microphone
HBO04G JLWORLD-HBO04G Datasheet
41Kb / 1P
Back Electret Condenser Microphone
HBU06A JLWORLD-HBU06A Datasheet
801Kb / 1P
Back Electret Condenser Microphone
HBU06C JLWORLD-HBU06C Datasheet
578Kb / 1P
Back Electret Condenser Microphone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com