Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530EVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4530EVB
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530EVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4530EVB Datasheet HTML 13Page - Semtech Corporation SC4530EVB Datasheet HTML 14Page - Semtech Corporation SC4530EVB Datasheet HTML 15Page - Semtech Corporation SC4530EVB Datasheet HTML 16Page - Semtech Corporation SC4530EVB Datasheet HTML 17Page - Semtech Corporation SC4530EVB Datasheet HTML 18Page - Semtech Corporation SC4530EVB Datasheet HTML 19Page - Semtech Corporation SC4530EVB Datasheet HTML 20Page - Semtech Corporation SC4530EVB Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
7
SC4530
U1
VOUT
L1
VIN
C3
R4
R1
C4
R5
C2
R2
C5
C1
GND
SW
Figure 12. Suggested PCB Layout for the SC4530
Shortening the traces at the SW and BST nodes reduces
the parasitic trace inductance at these nodes.This not only
reduces EMI, but also decreases switching voltage spikes
at these nodes. Shielding the FB trace from the SW and
the BST nodes with ground traces is a good precaution in
mitigating switching transient disturbance.
Figure 2 shows an example of external component
placement around the SC4530. The exposed pad should
be soldered to a large power ground plane as the ground
copper acts as a heat sink for the device.
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com