Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014A Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC5014A
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014A Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC5014A Datasheet HTML 17Page - Semtech Corporation SC5014A Datasheet HTML 18Page - Semtech Corporation SC5014A Datasheet HTML 19Page - Semtech Corporation SC5014A Datasheet HTML 20Page - Semtech Corporation SC5014A Datasheet HTML 21Page - Semtech Corporation SC5014A Datasheet HTML 22Page - Semtech Corporation SC5014A Datasheet HTML 23Page - Semtech Corporation SC5014A Datasheet HTML 24Page - Semtech Corporation SC5014A Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SC5014A
2
VIN
(6-27V)
S C 5014A
VCC
EN
UVLO
SCP
SCL
SDA
PWM
IO2
IO2
IO1
IO1
OVP
R4
R3
Q1
C12
SDA
R8
R15
C1
SCL
C3
L1
R1
PWM
R12
VCC (5V)
R6
R2
GND
R11
Vout
FLT
FLT
2.2µF
PGND
1µF
20kΩ
10kΩ
R 5
PAD
D1
C6
L2
C8
RCS
Figure 4— SEPIC Configuration
VIN
(12-19V)
S C 5014A
VCC
EN
UVLO
SCP
SCL
SDA
PWM
IO2
IO2
IO1
IO1
OVP
R4
R3
C6
Q1
C12
SDA
R8
R15
C1
SCL
C3
L1
R1
PWM
R12
VCC (5V)
R6
R2
GND
R11
Vout up to 70V
20 WLEDs per channel
FLT
FLT
2.2µF
10kΩ
PGND
10µF/25V
x3PC S
2.2µF/100V
x6PC S
1µF
75kΩ
50m Ω
787kΩ
10kΩ
25.5kΩ
20kΩ
10kΩ
R 5, 40.2kΩ
250kΩ
D1
10kΩ
AON6482
D FLS1100
PAD
VIN
3.3µH
RCS
Figure 5— Cascode Configuration drives 40 LEDs@200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com