Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL208 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XCL208
Description  400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL208 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XCL208 Datasheet HTML 14Page - Torex Semiconductor XCL208 Datasheet HTML 15Page - Torex Semiconductor XCL208 Datasheet HTML 16Page - Torex Semiconductor XCL208 Datasheet HTML 17Page - Torex Semiconductor XCL208 Datasheet HTML 18Page - Torex Semiconductor XCL208 Datasheet HTML 19Page - Torex Semiconductor XCL208 Datasheet HTML 20Page - Torex Semiconductor XCL208 Datasheet HTML 21Page - Torex Semiconductor XCL208 Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
XCL208/XCL209
Series
■
MARKING RULE
①
represents products series
②
represents integer of output voltage and oscillation frequency
XCL20*F***** (FB Product)
XCL20*A*****
XCL20*B*****
③
represents the decimal part of output voltage
Example (Mark ②, ③)
④
,⑤ represents production lot number
01∼09, 0A∼0Z, 11∼9Z, A1∼A9, AA∼AZ, B1∼ZZ in order.
(G, I, J, O, Q, W excluded)
*No character inversion used.
MARK
PRODUCT SERIES
8
XCL208******
9
XCL209******
MARK
OUTPUT VOLTAGE(V)
OSCILLATION FREQUENCY=3.0MHz
(XCL20*F**3**)
0.x
F
MARK
OUTPUT VOLTAGE (V)
OSCILLATION FREQUENCY=3.0MHz
(XCL20*A**3**)
0.x
0
1.x
1
2.x
2
3.x
3
4.x
4
MARK
OUTPUT VOLTAGE (V)
OSCILLATION FREQUENCY=3.0MHz
(XCL20*B**3**)
0.x
A
1.x
B
2.x
C
3.x
D
4.x
E
OUTPUT
VOLTAGE (V)
MARK
PRODUCT SERIES
OUTPUT
VOLTAGE (V)
MARK
PRODUCT SERIES
X.0
0
XCL20***0***
X.05
A
XCL20***A***
X.1
1
XCL20***1***
X.15
B
XCL20***B***
X.2
2
XCL20***2***
X.25
C
XCL20***C***
X.3
3
XCL20***3***
X.35
D
XCL20***D***
X.4
4
XCL20***4***
X.45
E
XCL20***E***
X.5
5
XCL20***5***
X.55
F
XCL20***F***
X.6
6
XCL20***6***
X.65
H
XCL20***H***
X.7
7
XCL20***7***
X.75
K
XCL20***K***
X.8
8
XCL20***8***
X.85
L
XCL20***L***
X.9
9
XCL20***9***
X.95
M
XCL20***M***
MARK
XCL20*F08***
XCL20*A18***
XCL20*B3D***
OSCILLATION
FREQUENCY
②
③
②
③
②
③
3.0MHz
F
8
1
8
D
D
1
2
3
8
7
6
45
USP-10B03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com