Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4208 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL4208
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4208 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL4208 Datasheet HTML 1Page - Vishay Siliconix IL4208 Datasheet HTML 2Page - Vishay Siliconix IL4208 Datasheet HTML 3Page - Vishay Siliconix IL4208 Datasheet HTML 4Page - Vishay Siliconix IL4208 Datasheet HTML 5Page - Vishay Siliconix IL4208 Datasheet HTML 6Page - Vishay Siliconix IL4208 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83629
2
Rev. 2.0, 29-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IL420, IL4208
Vishay Semiconductors
Optocoupler, Phototriac Output,
High dV/dt, Low Input Current
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Index per DIN IEC60112/VDE 0303 part 1, group IIIa per DIN VDE 6110.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering condditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
OUTPUT
Peak off-state voltage
IL420
VDRM
600
V
IL4208
VDRM
800
V
RMS on-state current
ITM
300
mA
Single cycle surge current
ITSM
3A
Power dissipation
Pdiss
500
mW
Derate from 25 °C
6.6
mW/°C
COUPLER
Isolation test voltage
between emitter and detector
t = 1 s
VISO
5300
VRMS
Pollution degree (DIN VDE 0109)
2
Creepage distance
 7mm
Clearance distance
 7mm
Comparative tracking (1)
 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
 1012
VIO = 500 V, Tamb = 100 °C
RIO
 1011
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (2)
max.
 10 s dip soldering
 0.5 mm from case bottom
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com