Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP2 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SMP2
Description  Surface Mount Power Cross Protection Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMP2 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SMP2 Datasheet HTML 1Page - Bel Fuse Inc. SMP2 Datasheet HTML 2Page - Bel Fuse Inc. SMP2 Datasheet HTML 3Page - Bel Fuse Inc. SMP2 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type SMP
Surface Mount Power Cross Protection Fuse
RoHS 6 Compliant
Electrical Specifications
SMP May2012C
Pb
SMP 500
500mA
0.320
0.25
600
SMP 1.25
1.25A
0.079
0.16
600
2A
0.063
0.22
600
Y
Y
600V @ 60A AC and 125V
@100ADC
SMP 2
Y
Y
Y
Ampere
Rating (A)
Catalog
Number
Maximum
Power
Dissipation
(W)
Melting I2T
@ 10 In
(A2 Sec)
Melting I2T
<10 m Sec
(A2 Sec)
Interrupting Rating
Volt-drop
@100% In
(volt) Max.
Max.
Voltage
Rating
(V)
Agency Approvals
Typical Cold
Resistance
(ohm)
2.0
14.0
33.0
0.20
0.40
Y
2.3
17.0
37.0
0.52
Electrical Specifications
Temperature Derating Curve
Average Time Current Curve
90
100
110
120
130
140
50
60
70
80
90
-75 -65 -55 -45 -35 -25 -15 -5
5
15
25
35
45
55
65
75
85
95 105 115 125 135 145
Ambient Temperature [oC]
Total
Each Polarity
SMP 500
SMP 1.25
SMP 2
SMP 500
SMP 1.25
SMP 2
10/1000
50
25
600
25
115
120
1
50
0.33
Will not open Will not open Will not open
10/360
50
25
1000
30
125
150
2
100
0.17
Will not open Will not open Will not open
10/1000
50
25
1000
25
110
120
3
200,400,600
1
Will not open Will not open Will not open
15 minutes
15 minutes
1 Sec
1
1
60
Time For Fuse To Open
GR-1089
1st Level
Test
Voltage
(Vrms)
Short Circuit
Current
(A)
Applications
Durations
Repetitions
Minimum Withstand Peak Current
(A)
Max. Rise /
Min. Decay
(us)
Minimum Peak
Voltage
(V)
Lightning Surge Withstand Capabilities
AC Power fault Tests
2/10
20
10
2500
120
500
600
4
1000
1
Will not open Will not open Will not open
10/360
10
5
1000
30
125
150
5
Diagram
N/A For Fuses
N/A
N/A
N/A
2/10
2
1
5000
120
500
600
6
600
0.5
Will not open Will not open Will not open
8/20
2
1
5000
75
300
350
7
440
2.2
Will open
Will not open Will not open
8
600
3
Will open
Will not open Will not open
9
1000
5
Will open
Will not open Will not open
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
1.1 Sec
0.4 Sec
5
5
5
1 Sec
5 Sec
30 Sec
2 Sec
60
60
1
Specifications Subject to change without notice.
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com