Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-16TTS...FP-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-16TTS...FP-M3
Description  High Voltage Phase Control Thyristor, 16 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-16TTS...FP-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-16TTS...FP-M3 Datasheet HTML 1Page - Vishay Siliconix VS-16TTS...FP-M3 Datasheet HTML 2Page - Vishay Siliconix VS-16TTS...FP-M3 Datasheet HTML 3Page - Vishay Siliconix VS-16TTS...FP-M3 Datasheet HTML 4Page - Vishay Siliconix VS-16TTS...FP-M3 Datasheet HTML 5Page - Vishay Siliconix VS-16TTS...FP-M3 Datasheet HTML 6Page - Vishay Siliconix VS-16TTS...FP-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-16TTS..FPPbF Series, VS-16TTS...FP-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Nov-11
1
Document Number: 94381
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Phase Control Thyristor, 16 A
FEATURES
• Designed and qualified for industrial level
• Fully isolated package (VINS = 2500 VRMS)
• UL E78996 approved
• Compliant to RoHS Directive 2002/95/EC
• 125 °C max. operating junction temperature
• Halogen-free according to IEC 61249-2-21
definition (-M3 only)
APPLICATIONS
• Typical usage is in input rectification crowbar (soft start)
and AC switch in motor control, UPS, welding, and battery
charge
DESCRIPTION
The VS-16TTS..FP... high voltage series of silicon controlled
rectifiers are specifically designed for medium power
switching and phase control applications. The glass
passivation technology used has reliable operation up to
125 °C junction temperature.
PRODUCT SUMMARY
Package
TO-220FP
Diode variation
Single SCR
IT(AV)
10 A
VDRM/VRRM
800 V, 1200 V
VTM
1.4 V
IGT
60 mA
TJ
- 40 °C to 125 °C
(G) 3
2
(A)
1 (K)
TO-220AB FULL-PAK
OUTPUT CURRENT IN TYPICAL APPLICATIONS
APPLICATIONS
SINGLE-PHASE BRIDGE
THREE-PHASE BRIDGE
UNITS
Capacitive input filter TA = 55 °C, TJ = 125 °C,
common heatsink of 1 °C/W
13.5
17
A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
Sinusoidal waveform
10
A
IRMS
16
VDRM/VRRM
800/1200
V
ITSM
200
A
VT
10 A, TJ = 25 °C
1.4
V
dV/dt
500
V/μs
dI/dt
150
A/μs
TJ
Range
- 40 to 125
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM PEAK
DIRECT VOLTAGE
V
IRRM/IDRM
AT 125 °C
mA
VS-16TTS08FPPbF, VS-16TTS08FP-M3
800
800
10
VS-16TTS12FPPbF, VS-16TTS12FP-M3
1200
1200


Similar Part No. - VS-16TTS...FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16TTS08-M3 VISHAY-VS-16TTS08-M3 Datasheet
206Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
29-Nov-2021
VS-16TTS08FP-M3 VISHAY-VS-16TTS08FP-M3 Datasheet
182Kb / 7P
High Voltage Phase Control Thyristor, 16 A
24-Aug-17
VS-16TTS08FP-M3 VISHAY-VS-16TTS08FP-M3 Datasheet
181Kb / 7P
High Voltage Phase Control Thyristor, 16 A
24-Aug-17
VS-16TTS08FP-M3 VISHAY-VS-16TTS08FP-M3_V01 Datasheet
181Kb / 7P
High Voltage Phase Control Thyristor, 16 A
24-Aug-17
VS-16TTS08S-M3 VISHAY-VS-16TTS08S-M3 Datasheet
165Kb / 7P
Thyristor High Voltage, Surface Mount Phase Control SCR, 16 A
08-Jul-15
More results

Similar Description - VS-16TTS...FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TPS12PBF VISHAY-VS-40TPS12PBF Datasheet
180Kb / 8P
High Voltage Phase Control Thyristor, 40 A
10-Nov-11
VS-40TPS08PBF VISHAY-VS-40TPS08PBF Datasheet
180Kb / 8P
High Voltage Phase Control Thyristor, 40 A
10-Nov-11
VS-16TTS12PBF VISHAY-VS-16TTS12PBF Datasheet
182Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
26-Jul-13
VS-16TTS08S-M3 VISHAY-VS-16TTS08S-M3 Datasheet
165Kb / 7P
Thyristor High Voltage, Surface Mount Phase Control SCR, 16 A
08-Jul-15
VS-16TTS08FP-M3 VISHAY-VS-16TTS08FP-M3 Datasheet
182Kb / 7P
High Voltage Phase Control Thyristor, 16 A
24-Aug-17
VS-16TTS08FP-M3 VISHAY-VS-16TTS08FP-M3_V01 Datasheet
181Kb / 7P
High Voltage Phase Control Thyristor, 16 A
24-Aug-17
VS-16TTS08S-M3 VISHAY-VS-16TTS08S-M3_V01 Datasheet
178Kb / 7P
Thyristor High Voltage, Surface Mount Phase Control SCR, 16 A
30-Nov-2021
VS-16TTSPBF VISHAY-VS-16TTSPBF Datasheet
160Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
28-Sep-17
VS-16TTSSPBF VISHAY-VS-16TTSSPBF Datasheet
170Kb / 7P
Thyristor High Voltage, Surface Mountable Phase Control SCR, 16 A
23-Aug-11
VS-16TTS08-M3 VISHAY-VS-16TTS08-M3 Datasheet
206Kb / 7P
Thyristor High Voltage, Phase Control SCR, 16 A
29-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com