Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG02A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCALUG02A
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCALUG02A Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 02-Aug-12
2
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A472G
NTC LUG02A 4.7K 2 % 3984 K 0.5 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
- 40
33.43
157 109
3.90
- 6.63
0.59
150 982
163 236
- 35
24.13
113 422
3.72
- 6.41
0.58
109 206
117 638
- 30
17.61
82 782
3.54
- 6.19
0.57
79 851
85714
- 25
12.99
61 053
3.37
- 5.99
0.56
58 994
63 112
- 20
9.68
45 478
3.21
- 5.79
0.55
44 017
46 938
- 15
7.276
34 199
3.06
- 5.61
0.54
33 154
35 244
- 10
5.522
25 953
2.91
- 5.43
0.54
25 198
26 707
- 5
4.227
19 866
2.76
- 5.26
0.53
19 317
20 415
0
3.262
15 333
2.62
- 5.10
0.51
14 931
15 736
5
2.538
11 929
2.49
- 4.94
0.50
11 632
12 226
10
1.990
9352
2.36
- 4.80
0.49
9131
9572
15
1.571
7384
2.24
- 4.65
0.48
7219
7549
20
1.249
5872
2.12
- 4.52
0.47
5747
5996
25
1.000
4700
2.00
- 4.39
0.46
4606
4794
30
0.8056
3786
2.11
- 4.26
0.50
3706
3866
35
0.6530
3069
2.22
- 4.14
0.54
3001
3137
40
0.5324
2502
2.33
- 4.03
0.58
2444
2560
45
0.4365
2052
2.43
- 3.92
0.62
2002
2102
50
0.3599
1691
2.53
- 3.81
0.66
1649
1734
55
0.2982
1402
2.62
- 3.71
0.71
1365
1438
60
0.2484
1167
2.72
- 3.61
0.75
1136
1199
65
0.2079
977.0
2.81
- 3.51
0.80
949.6
1004
70
0.1748
821.4
2.89
- 3.42
0.85
797.6
845.2
75
0.1476
693.7
2.98
- 3.34
0.89
673.0
714.3
80
0.1252
588.3
3.06
- 3.25
0.94
570.3
606.4
85
0.1066
501.1
3.14
- 3.17
0.99
485.3
516.8
90
0.09116
428.4
3.22
- 3.09
1.04
414.7
442.2
95
0.07825
367.8
3.30
- 3.02
1.09
355.6
379.9
100
0.06741
316.8
3.37
- 2.94
1.14
306.2
327.5
105
0.05828
273.9
3.44
- 2.87
1.20
264.5
283.4
110
0.05057
237.7
3.51
- 2.81
1.25
229.3
246.0
115
0.04402
206.9
3.58
- 2.74
1.31
199.5
214.3
120
0.03844
180.7
3.65
- 2.68
1.36
174.1
187.3
125
0.03367
158.3
3.71
- 2.62
1.42
152.4
164.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com