Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP302 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ATP302
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP302 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ATP302_12 Datasheet HTML 1Page - Sanyo Semicon Device ATP302_12 Datasheet HTML 2Page - Sanyo Semicon Device ATP302_12 Datasheet HTML 3Page - Sanyo Semicon Device ATP302_12 Datasheet HTML 4Page - Sanyo Semicon Device ATP302_12 Datasheet HTML 5Page - Sanyo Semicon Device ATP302_12 Datasheet HTML 6Page - Sanyo Semicon Device ATP302_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ATP302
No.A1654-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0V
--10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--35A
75
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--35A, VGS=--10V
10
13
mΩ
RDS(on)2
ID=--35A, VGS=--4.5V
13
18
mΩ
Input Capacitance
Ciss
VDS=--20V, f=1MHz
5400
pF
Output Capacitance
Coss
500
pF
Reverse Transfer Capacitance
Crss
370
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
35
ns
Rise Time
tr
430
ns
Turn-OFF Delay Time
td(off)
420
ns
Fall Time
tf
500
ns
Total Gate Charge
Qg
VDS=--36V, VGS=--10V, ID=--70A
115
nC
Gate-to-Source Charge
Qgs
20
nC
Gate-to-Drain “Miller” Charge
Qgd
25
nC
Diode Forward Voltage
VSD
IS=--70A, VGS=0V
--1.0
--1.5
V
Switching Time Test Circuit
Avalanche Resistance Test Circuit
Ordering Information
Device
Package
Shipping
memo
ATP302-TL-H
ATPAK
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --35A
RL=1.03Ω
VDD= --36V
VOUT
VIN
0V
--10V
VIN
ATP302
50Ω
0V
--10V
≥50Ω
RG
VDD
L
ATP302



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com