Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST230C..C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST230C..C
Description  Phase Control Thyristors (Hockey PUK Version), 410 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST230C..C Datasheet(HTML) 5 Page - Vishay Siliconix

  ST230C..C Datasheet HTML 1Page - Vishay Siliconix ST230C..C Datasheet HTML 2Page - Vishay Siliconix ST230C..C Datasheet HTML 3Page - Vishay Siliconix ST230C..C Datasheet HTML 4Page - Vishay Siliconix ST230C..C Datasheet HTML 5Page - Vishay Siliconix ST230C..C Datasheet HTML 6Page - Vishay Siliconix ST230C..C Datasheet HTML 7Page - Vishay Siliconix ST230C..C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94398
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST230CPbF Series
Phase Control Thyristors
(Hockey PUK Version), 410 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
2000
2500
3000
3500
4000
4500
5000
5500
110
100
ST230C..C Series
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Pulse Train Duration (s)
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
0.01
0.1
1
Versus Pulse Train Duration. Control
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
ST230C..C Series
Initial Tj = 125°C
No Voltage Reapplied
Rated Vrrm Reapplied
Instantaneous On-state Voltage (V)
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
ST230C..C Series
Tj = 25°C
Tj = 125°C
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Steady State Value
R
= 0.17 K/W
(Single Side Cooled)
R
= 0.08 K/W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST230C..C Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com