Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSVBAS19L Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVBAS19L
Description  High Voltage Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVBAS19L Datasheet(HTML) 3 Page - ON Semiconductor

  NSVBAS19L Datasheet HTML 1Page - ON Semiconductor NSVBAS19L Datasheet HTML 2Page - ON Semiconductor NSVBAS19L Datasheet HTML 3Page - ON Semiconductor NSVBAS19L Datasheet HTML 4Page - ON Semiconductor NSVBAS19L Datasheet HTML 5Page - ON Semiconductor NSVBAS19L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BAS19L, NSVBAS19L, BAS20L, SBAS20L, BAS21L, SBAS21L, BAS21DW5,
SBAS21DW5
http://onsemi.com
3
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
IR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at IR(REC) = 3.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
VF, FORWARD VOLTAGE (V)
0.1
10
20
VR, REVERSE VOLTAGE (V)
1.0
0.1
0.01
0.001
50
80
110
140
170
1.6
0
VR, REVERSE VOLTAGE (V)
1.4
1.0
0.6
0.4
24
6
8
Figure 2. VF vs. IF
Figure 3. IR vs. VR
Figure 4. Capacitance
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
°C
55
°C
150
°C
125
°C
25
°C
-55
°C
200
230
0.8
1.2
13
5
7
Cap
-40
°C
260
150
°C
125
°C
85
°C
55
°C
25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com